Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8740V Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LV8740V
Description  PWM Current Control Stepping Motor Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8740V Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LV8740V Datasheet HTML 6Page - Sanyo Semicon Device LV8740V Datasheet HTML 7Page - Sanyo Semicon Device LV8740V Datasheet HTML 8Page - Sanyo Semicon Device LV8740V Datasheet HTML 9Page - Sanyo Semicon Device LV8740V Datasheet HTML 10Page - Sanyo Semicon Device LV8740V Datasheet HTML 11Page - Sanyo Semicon Device LV8740V Datasheet HTML 12Page - Sanyo Semicon Device LV8740V Datasheet HTML 13Page - Sanyo Semicon Device LV8740V Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LV8740V
No.A1864-10/23
Input Pin Function
(1) Chip enable function
This IC is switched between standby and operating mode by setting the ST pin. In standby mode, the IC is set to
power-save mode and all logic is reset. In addition, the internal regulator circuit and charge pump circuit do not
operate in standby mode.
ST
Mode
Internal regulator
Charge pump
Low or Open
Standby mode
Standby
Standby
High
Operating mode
Operating
Operating
(2) Drive mode switching pin function
The IC drive mode is switched by setting the DM pin. In STM mode, stepping motor channel 1 can be controlled by
the CLK-IN input. In DCM mode, DC motor channel 2 or stepping motor channel 1 can be controlled by parallel
input. Stepping motor control using parallel input is 2-phase or 1-2 phase full torque.
DM
Drive mode
Application
Low or Open
STM mode
Stepping motor channel 1 (CLK-IN)
High
DCM mode
DC motor channel 2 or stepping motor channel 1 (parallel)
STM mode (DM = Low or Open)
(1) STEP pin function
The excitation step progresses by inputting the step signal to the STP pin.
Input
ST
STP
Operating mode
Low
*
Standby mode
High
Excitation step proceeds
High
Excitation step is kept
(2) Excitation mode setting function
The excitation mode of the stepping motor can be set as follows by setting the MD1 pin and the MD2 pin.
Initial position
MD1
MD2
Excitation mode
Channel 1
Channel 2
Low
Low
2 phase excitation
100%
-100%
High
Low
1-2 phase excitation (full torque)
100%
0%
Low
High
1-2 phase excitation
100%
0%
High
High
W1-2 phase excitation
100%
0%
This is the initial position of each excitation mode in the initial state after power-on and when the counter is reset.
(3) Positional detection monitor function
Positional detection monitor MONI pin is an open drain output. When the excitation position is an initial position, the
MONI output becomes ON.
Please refer to (example of current wave type in each excitation mode).
(4)Constant-current control reference voltage setting function
This IC does the PWM fixed current chopping control of the current of the motor by the automatic operation in setting
the output current. The output current in which a fixed current is controlled by the following calculation type is set by
the resistance connected between the voltage and RF-GND being input to the VREF pin.
IOUT=(VREF/5)/RF resistance
*The above-mentioned, set value is an output current of each excitation mode at 100% time.
VREF input voltage attenuation function
ATT1
ATT2
Current setting reference voltage attenuation ratio
Low
Low
100%
High
Low
66.7%
Low
High
50%
High
High
33.3%


Similar Part No. - LV8740V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8740V ONSEMI-LV8740V Datasheet
368Kb / 25P
   PWM Current Control Stepper Motor Driver
April, 2013
LV8740V-MPB-E ONSEMI-LV8740V-MPB-E Datasheet
368Kb / 25P
   PWM Current Control Stepper Motor Driver
April, 2013
LV8740V-TLM-E ONSEMI-LV8740V-TLM-E Datasheet
368Kb / 25P
   PWM Current Control Stepper Motor Driver
April, 2013
LV8740V ONSEMI-LV8740V_13 Datasheet
368Kb / 25P
   PWM Cuttent Control Stepper Motor Driver
April, 2013
More results

Similar Description - LV8740V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LB1945D SANYO-LB1945D_09 Datasheet
105Kb / 9P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8727 ONSEMI-LV8727 Datasheet
327Kb / 23P
   PWM Current Control Stepping Motor Driver
June, 2013
LB1946 ONSEMI-LB1946 Datasheet
122Kb / 16P
   PWM Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845 Datasheet
136Kb / 7P
   PWM Current Control Stepping Motor Driver
LV8727 SANYO-LV8727 Datasheet
370Kb / 23P
   PWM Current Control Stepping Motor Driver
LV8741V_0712 SANYO-LV8741V_0712 Datasheet
210Kb / 25P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_12 Datasheet
114Kb / 16P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com