Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8712T Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LV8712T
Description  PWM Constant-Current Control Stepping Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8712T Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LV8712T Datasheet HTML 6Page - Sanyo Semicon Device LV8712T Datasheet HTML 7Page - Sanyo Semicon Device LV8712T Datasheet HTML 8Page - Sanyo Semicon Device LV8712T Datasheet HTML 9Page - Sanyo Semicon Device LV8712T Datasheet HTML 10Page - Sanyo Semicon Device LV8712T Datasheet HTML 11Page - Sanyo Semicon Device LV8712T Datasheet HTML 12Page - Sanyo Semicon Device LV8712T Datasheet HTML 13Page - Sanyo Semicon Device LV8712T Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LV8712T
No.A1674-10/14
(10) Chopping frequency setting
For constant-current control, this IC performs chopping operations at the frequency determined by the capacitor
(Cchop) connected between the CHOP pin and GND.
The chopping frequency is set as shown below by the capacitor (Cchop) connected between the CHOP pin and GND.
Tchop ≒ C × V × 2 / I (s)
V : Width of suresshu voltage, typ 0.5V
I : Charge/discharge current, typ 10
μA
For instance, when Cchop is 200pF, the chopping frequency will be as follows :
Fchop ≒ 1 / Tchop (Hz)
(11) Output current vector locus (one step is normalized to 90 degrees)
Setting current ration in each excitation mode
2W1-2 phase (%)
W1-2 phase (%)
1-2 phase (%)
2-phase (%)
STEP
Channel 1
Channel 2
Channel 1
Channel 2
Channel 1
Channel 2
Channel 1
Channel 2
θ0
100
0
100
0
100
0
θ1
98
20
θ2
92
38
92
38
θ3
83
55
θ4
70
70
70
70
70
70
100
100
θ5
55
83
θ6
38
92
38
92
θ7
20
98
θ8
0
100
0
100
0
100
Channel 2 current ratio (%)
θ4' (2-phase)
0.0
33.3
66.7
100.0
0.0
33.3
66.7
100.0
θ 0
θ 1
θ 3
θ 5
θ 6
θ 7
θ 8
θ 2
θ 4


Similar Part No. - LV8712T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8712T ONSEMI-LV8712T Datasheet
198Kb / 14P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
More results

Similar Description - LV8712T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8772 ONSEMI-LV8772 Datasheet
217Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
LV8773 ONSEMI-LV8773 Datasheet
162Kb / 14P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T_11 Datasheet
401Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
LV8732V SANYO-LV8732V_10 Datasheet
329Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8772 SANYO-LV8772 Datasheet
252Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8736V ONSEMI-LV8736V Datasheet
289Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T Datasheet
411Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
LV8732V SANYO-LV8732V Datasheet
316Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8735V SANYO-LV8735V Datasheet
259Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8736LF SANYO-LV8736LF Datasheet
313Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8713T ONSEMI-LV8713T Datasheet
249Kb / 16P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com