Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8401V Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LV8401V
Description  Forward/Reverse Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8401V Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LV8401V Datasheet HTML 1Page - Sanyo Semicon Device LV8401V Datasheet HTML 2Page - Sanyo Semicon Device LV8401V Datasheet HTML 3Page - Sanyo Semicon Device LV8401V Datasheet HTML 4Page - Sanyo Semicon Device LV8401V Datasheet HTML 5Page - Sanyo Semicon Device LV8401V Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LV8401V
PS No.A0846-6/6
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
Sample Application Circuit
VCC
VM
4.0 to 15.0V
to 15.0V
VM
IOUT
IOUT
ISET
SGND
IN1
IN2
CPU
EN
ICTRL
RSET
OUT1
OUT1
OUT2
OUT2
PGND
PGND
M
2.7 to 5.5V
2.7 to 5.5V
*1 : Connect a kickback absorbing capacitor as close as possible to the IC. Characteristics deterioration of the IC or
damage may result if an instantaneous voltage surge exceeding the maximum rated value is applied to the VM line
due to coil kickback or other causes.
*2 : The output constant current (IOUT) is determined by the internal reference voltage and the sense resistor between the
ISET and SGND pins.
IOUT = Internal reference voltage (0.2V) ÷ Sense resistor (RSET)
From the formula above, IOUT = 5mA when a sense resistor of 40Ω is connected between the ISET and SGND.
This catalog provides information as of December, 2008. Specifications and information herein are subject
to change without notice.


Similar Part No. - LV8401V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V Datasheet
76Kb / 6P
   Bi-CMOS IC Forward/Reverse Motor Driver
LV8401V SANYO-LV8401V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8401V ONSEMI-LV8401V Datasheet
128Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_12 Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
More results

Similar Description - LV8401V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com