Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8112V Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV8112V
Description  For Polygon Mirror Motor 3-phase Brushless Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8112V Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV8112V Datasheet HTML 1Page - Sanyo Semicon Device LV8112V Datasheet HTML 2Page - Sanyo Semicon Device LV8112V Datasheet HTML 3Page - Sanyo Semicon Device LV8112V Datasheet HTML 4Page - Sanyo Semicon Device LV8112V Datasheet HTML 5Page - Sanyo Semicon Device LV8112V Datasheet HTML 6Page - Sanyo Semicon Device LV8112V Datasheet HTML 7Page - Sanyo Semicon Device LV8112V Datasheet HTML 8Page - Sanyo Semicon Device LV8112V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LV8112V
No.A1645-3/13
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
FG Output
Output ON resistance
VOL(FG)
IFG = 7mA
20
30
Ω
Output leakage current
IL(FG)
VO = 5V
10
μA
PWM Oscillator
High level output voltage
VOH(PWM)
2.95
3.2
3.45
V
Low level output voltage
VOL(PWM)
1.3
1.5
1.7
V
External capacitor charge current
ICHG(PWM) VPWM = 2V
-90
-70
-50
μA
Oscillation frequency
f(PWM)
C = 150pF
180
225
270
kHz
Amplitude
V(PWM)
1.5
1.7
1.9
Vp-p
Recommended operation frequency
range
fOPR
15
300
kHz
CSD Oscillation Circuit
High level output voltage
VOH(CSD)
2.7
3.0
3.3
V
Low level output voltage
VOL(CSD)
0.8
1.0
1.2
V
Amplitude
V(CSD)
1.75
2.0
2.25
Vp-p
External capacitor charge current
ICHG1(CSD) VCHG1 = 2.0V
-14
-10
-6
μA
External Capacitor Discharge Current
ICHG2(CSD) VCHG2 = 2.0V
8
11
14
μA
Oscillation frequency
f(CSD)
C = 0.068
μF,Design target value *
30
40
50
Hz
Phase comparing output
Output ON resistance (high level)
VPDH
IOH = -100μA
500
700
Ω
Output ON resistance (low level)
VPDL
IOL = 100μA
500
700
Ω
Phase Lock Detection Output
Output ON resistance
VOL(LD)
ILD = 10mA
20
30
Ω
Output leakage current
IL(LD)
VO = 5V
10
μA
Error Amplifier Block
Input offset voltage
VIO(ER)
Design target value *
-10
+10
mV
Input bias current
IB(ER)
-1
+1
μA
High level output voltage
VOH(ER)
IOH = -100μA
EI+0.7
EI+0.85
EI+1.0
V
Low level output voltage
VOL(ER)
IOL = 100μA
EI-1.75
EI-1.6
EI-1.45
V
DC bias level
VB(ER)
-5%
VREG/2
5%
V
Current Control Circuit
Drive gain
GDF
While phase locked
0.5
0.55
0.6
times
Current Limiter Circuit (pins RF and RFS)
Limiter voltage
VRF
0.465
0.515
0.565
V
Under-voltage Protection
Operation voltage
VSD
8.3
8.7
9.1
V
Hyteresis
ΔVSD
0.2
0.35
0.5
V
CLD Circuit
External capacitor charge current
ICLD
VCLD = 0V
-4.5
-3.0
-1.5
μA
Operation voltage
VH(CLD)
3.25
3.5
3.75
V
Thermal Shutdown Operation
Thermal shutdown operation
temperature
TSD
Design target value (Junction temperature)
150
175
°C.
Hysteresis
ΔTSD
Design target value (Junction temperature)
30
°C
CLK pin
External input frequency
fI(CLK)
0.1
10
kHz
High level input voltage
VIH(CLK)
2.0
VREG
V
Low level input voltage
VIL(CLK)
0
1.0
V
Input open voltage
VIO(CLK)
VREG-0.5
VREG
V
Hysteresis
VIS(CLK)
0.2
0.3
0.4
V
High level input current
IIH(CLK)
VCLK = VREG
-10
0
+10
μA
Low level input current
IIL(CLK)
VCLK = 0V
-110
-85
-60
μA
* Design target value, Do not measurement.
Continued on next page.


Similar Part No. - LV8112V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8112V SANYO-LV8112V Datasheet
314Kb / 13P
   Bi-CMOS IC For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8112V SANYO-LV8112V Datasheet
204Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
logo
ON Semiconductor
LV8112V ONSEMI-LV8112V Datasheet
182Kb / 13P
   3-phase Brushless Motor Driver
May, 2013
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
LV8112VB-AH ONSEMI-LV8112VB-AH Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
More results

Similar Description - LV8112V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8112V SANYO-LV8112V_12 Datasheet
204Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8111V_0910 SANYO-LV8111V_0910 Datasheet
295Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8111V SANYO-LV8111V_12 Datasheet
193Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LV8112V SANYO-LV8112V Datasheet
314Kb / 13P
   Bi-CMOS IC For Polygon Mirror Motor 3-phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
Rohm
BD6792FM ROHM-BD6792FM Datasheet
293Kb / 6P
   3-PHASE Brushless motor driver for porigon mirror motor
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com