Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8111V Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV8111V
Description  For Polygon Mirror Motor 3-phase Brushless Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8111V Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV8111V Datasheet HTML 1Page - Sanyo Semicon Device LV8111V Datasheet HTML 2Page - Sanyo Semicon Device LV8111V Datasheet HTML 3Page - Sanyo Semicon Device LV8111V Datasheet HTML 4Page - Sanyo Semicon Device LV8111V Datasheet HTML 5Page - Sanyo Semicon Device LV8111V Datasheet HTML 6Page - Sanyo Semicon Device LV8111V Datasheet HTML 7Page - Sanyo Semicon Device LV8111V Datasheet HTML 8Page - Sanyo Semicon Device LV8111V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Ordering number : ENA1416B
Bi-CMOS IC
For Polygon Mirror Motor
3-phase Brushless Motor Driver
LV8111V
Overview
The LV8111V is a 3-phase brushless motor driver for polygon mirror motor driving of LBP.
A circuit needed to drive of polygon mirror motor can be composed of a single-chip. Also, the output transistor is made
DMOS by using BiDC process, and by adopting the synchronous rectification method, the lower power consumption
(Heat generation) is achieved.
Features
3-phase bipolar drive
Direct PWM drive + synchronous rectification
IO max1 = 2.5A
Full complement of on-chip protection circuits, including lock
protection, current limiter, under-voltage protection, and thermal
shutdown protection circuits
IO max1 = 3.0A (t ≤ 0.1ms)
Output current control circuit
Circuit to switch slowing down method while stopped
(Free run or Short-circuit brake)
PLL speed control circuit
Constraint protection detection signal switching circuit (FG or LD)
Phase lock detection output (with mask function) Forward / Reverse switching circuit
Compatible with Hall FG
Hall bias pin (Bias current cut in a stopped state)
Provides a 5V regulator output
SDCC (Speed Detection Current Control) function
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC max
VCC pin
37
V
Supply voltage
VG max
VG pin
42
V
IO max1
*1
2.5
A
Output current
IO max2
t
≤ 0.1ms *1
3.0
A
Allowable Power dissipation
Pd max
Mounted on a specified board *2
1.7
W
Operation temperature
Topr
-25 to +80
°C
Storage temperature
Tstg
-55 to +150
°C
Junction temperature
Tj max
150
°C
*1. Tj max = 150
°C must not be exceeded.
*2. Specified board: 114.3mm × 76.1mm × 1.6mm, glass epoxy board.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
O1409 SY 20090916-S00007 / 60309 MS 20090521-S00002 / 22509 MS 20090212-S00001 No.A1416-1/13


Similar Part No. - LV8111V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8111V SANYO-LV8111V Datasheet
177Kb / 13P
   3-phase Brushless Motor Driver
LV8111V SANYO-LV8111V Datasheet
193Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
logo
ON Semiconductor
LV8111V-TLM-E ONSEMI-LV8111V-TLM-E Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8111VB ONSEMI-LV8111VB Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
December 2014 - Rev. 1
LV8111VB-AH ONSEMI-LV8111VB-AH Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
December 2014 - Rev. 1
More results

Similar Description - LV8111V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8112V_1002 SANYO-LV8112V_1002 Datasheet
305Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8112V SANYO-LV8112V_12 Datasheet
204Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8111V SANYO-LV8111V_12 Datasheet
193Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LV8112V SANYO-LV8112V Datasheet
314Kb / 13P
   Bi-CMOS IC For Polygon Mirror Motor 3-phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
Rohm
BD6792FM ROHM-BD6792FM Datasheet
293Kb / 6P
   3-PHASE Brushless motor driver for porigon mirror motor
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com