Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8104V Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV8104V
Description  For Variable Speed Control Three-Phase Brushless Motor Predriver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8104V Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV8104V Datasheet HTML 1Page - Sanyo Semicon Device LV8104V Datasheet HTML 2Page - Sanyo Semicon Device LV8104V Datasheet HTML 3Page - Sanyo Semicon Device LV8104V Datasheet HTML 4Page - Sanyo Semicon Device LV8104V Datasheet HTML 5Page - Sanyo Semicon Device LV8104V Datasheet HTML 6Page - Sanyo Semicon Device LV8104V Datasheet HTML 7Page - Sanyo Semicon Device LV8104V Datasheet HTML 8Page - Sanyo Semicon Device LV8104V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LV8104V
No.A1677-3/19
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
FG Amplifier
Input offset voltage
VIO (FG)
-10
10
mV
Input bias current
IB (FG)
-1
1
μA
Reference voltage
VB (FG)
-5%
VREG/2
5%
V
High level output voltage
VOH (FG)
IFGI = -0.1mA, No load
3.95
4.4
4.85
V
Low level output voltage
VOL (FG)
IFGI = 0.1mA, No load
0.75
1.2
1.65
V
FG input sensitivity
GAIN : 100 times
3
mV
Schmitt width of the next stage
One-side hysteresis comparator
120
200
280
mV
Operation frequency range
3
kHz
Open-loop gain
fFG = 2kHz
45
48
dB
FGS output
Output saturation voltage
VOL (FGS)
IFGS = 2mA
0.2
0.4
V
Output leakage current
IL (FGS)
VO = 6V
10
μA
CSD oscillator
High level output voltage
VOH (CSD)
2.9
3.4
3.9
V
Low level output voltage
VOL (CSD)
1.6
2.0
2.4
V
Amplitude
V (CSD)
1.15
1.4
1.65
Vp-p
External capacitor charge current
ICHG1
-13
-10
-7
μA
External capacitor discharge current
ICHG2
7.5
10.5
13.5
μA
Oscillation frequency
f (CSD)
C = 0.047
μF
78
Hz
Speed Discriminator output
High level output voltage
VOH (D)
VREG-1.25
VREG-1.0
VREG-0.75
V
Low level output voltage
VOL (D)
0.65
0.9
1.15
V
Counts
512
LD output
Output saturation voltage
VOL (LD)
ILD = 2mA
0.2
0.4
V
Output leakage current
IL (LD)
VO = 6V
10
μA
Lock range
-6.25
+6.25
%
Speed control PLL output
High level output voltage
VOH (P)
VREG-2.0
VREG-1.7
VREG-1.4
V
Low level output voltage
VOL (P)
1.3
1.6
1.9
V
Current control circuit
Drive gain
GDF
0.20
0.25
0.32
Current limiter operation
Limiter voltage
VRF
0.225
0.25
0.27
V
Integrator
Input offset voltage
VIO (INT)
-10
10
mV
Input bias current
IB (INT)
-1
1
μA
Reference voltage
VB (INT)
-5%
VREG/2
5%
V
High level output voltage
VOH (INT)
IINTI = -0.1mA, No load
3.95
4.4
4.85
V
Low level output voltage
VOL (INT)
IINTI = 0.1mA, No load
0.75
1.2
1.65
V
Open-loop gain
fINT = 2kHz
45
48
dB
VCO Oscillator
(C pin)
Oscillation frequency range
f (C)
C = 120pF, R = 24k
Ω
0.15
1.54
MHz
High level output voltage
VOH (C)
FIL = 2.5V
2.71
3.16
3.61
V
Low level output voltage
VOL (C)
FIL = 2.5V
2.20
2.60
3.00
V
Amplitude
V (C)
FIL = 2.5V
0.44
0.56
0.68
Vp-p
FIL pin
Output source current
IOH (FIL)
-15
-11
-6
μA
Output sink current
IOL (FIL)
6
10
15
μA
Continued on next page.


Similar Part No. - LV8104V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8104V ONSEMI-LV8104V Datasheet
303Kb / 19P
   Three-Phase Brushless Motor Predriver
May, 2013
More results

Similar Description - LV8104V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8105W SANYO-LV8105W Datasheet
202Kb / 21P
   Bi-CMOS IC For Variable Speed Control Three-Phase Brushless Motor Predriver
logo
ON Semiconductor
LV8104V ONSEMI-LV8104V Datasheet
303Kb / 19P
   Three-Phase Brushless Motor Predriver
May, 2013
logo
Rohm
BD63001AMUV ROHM-BD63001AMUV Datasheet
2Mb / 26P
   Three-Phase Brushless Motor Predriver
logo
ON Semiconductor
LV8105W ONSEMI-LV8105W Datasheet
171Kb / 21P
   Three-Phase Brushless Motor Predriver
July, 2013
logo
Sanyo Semicon Device
LB1822 SANYO-LB1822 Datasheet
112Kb / 5P
   3-phase Brushless Motor Predriver with Digital Speed Control
logo
Rohm
BD16805FV-M ROHM-BD16805FV-M Datasheet
1Mb / 20P
   Three Phase Motor Predriver
logo
STMicroelectronics
L8150 STMICROELECTRONICS-L8150 Datasheet
732Kb / 37P
   Brushless motor predriver
logo
Toshiba Semiconductor
TC78B009FTG TOSHIBA-TC78B009FTG Datasheet
1Mb / 62P
   Sensorless PWM predriver for 3-phase brushless motor
2022-06-27 Rev.5.0
logo
Texas Instruments
TMP814 TI1-TMP814_15 Datasheet
982Kb / 21P
[Old version datasheet]   Variable Speed Single-phase Full-wave Fan Motor Predriver
TMP815 TI1-TMP815_15 Datasheet
3Mb / 20P
[Old version datasheet]   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com