Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV7109E Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LV7109E
Description  AC Switch Europe SCART Standard
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV7109E Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LV7109E Datasheet HTML 7Page - Sanyo Semicon Device LV7109E Datasheet HTML 8Page - Sanyo Semicon Device LV7109E Datasheet HTML 9Page - Sanyo Semicon Device LV7109E Datasheet HTML 10Page - Sanyo Semicon Device LV7109E Datasheet HTML 11Page - Sanyo Semicon Device LV7109E Datasheet HTML 12Page - Sanyo Semicon Device LV7109E Datasheet HTML 13Page - Sanyo Semicon Device LV7109E Datasheet HTML 14Page - Sanyo Semicon Device LV7109E Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LV7109E
No.A1992-11/24
* indicates initial.
ADDRESS
8 7 6 5 4 3 2 1 Symbol
Input
Output
Remarks
Group 8
0000 1000
N/A
N/A
0 0 0 0 0 0
-
-
N/A
0 0 1 1 0 0
-
-
N/A
1 1 1 1 1 1
-
-
N/A
*
Other than above
-
-
PROHIBIT
N/A
0
-
-
N/A
*
1
-
-
N/A
N/A
0
-
-
N/A
*
1
-
-
N/A
Cautions for Use
1. Drive capacity of video driver
Line outputs can drive two systems through capacitive coupling.
Component outputs can drive one systems through capacitive coupling.
Scart output can drive one system only through DC coupling.
2. Audio Mute
This IC incorporates a mute transistor to reduce the POP noise of audio output when power is turned ON/OFF.
Mute control can be made by serial control.
3. Resistor to limit the Audio input
When the large signal is input in the input pin with power OFF, cross-talke between input and output occurs through the
protective diode and parasitic elements. Because of the structure of LSI, such cross-talke is difficult to avoid.
If cross-talk at a time of power OFF presents a problem, the cross-talk amount can be reduced by inserting the limiting
resistor in the input.
In this case, the input signal level changes depending on the resistance value. Determine the constant while taking both
the cross-talk amount and input level into account.
4. Pin treatment when external control is not to be used
When external control pins (Pins 26) are not used, pull-down to GND is recommended.
5. Audio 9V_REG pin external capacitance
Use the Audio 9V_REG pins (pins 52 and 57) external capacitance of 10
μF or more and with the equivalent series
resistance component of 7
Ω or less.
6. Power application and disconnection sequences
The recommended power application sequence to this IC is VCC_ALL5V (Pin28) → VCC5V (Pins 5, 9, 13, 24, 30 and
43), VCC12V (Pin29).
(No particular order is established between VCC5V and VCC12V.) It is recommended to reverse the above sequence
when power supply is turned OFF.


Similar Part No. - LV7109E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV7109E ONSEMI-LV7109E Datasheet
307Kb / 24P
   AC Switch Europe SCART Standard
July, 2013
More results

Similar Description - LV7109E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1992 ONSEMI-ENA1992 Datasheet
307Kb / 24P
   AC Switch Europe SCART Standard
July, 2013
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
logo
CUI INC
AC-C7-EU CUI-AC-C7-EU_V01 Datasheet
275Kb / 2P
   AC CORD, EUROPE
10/25/2022
logo
CUI Devices
AC-C7EU CUID-AC-C7EU Datasheet
275Kb / 2P
   AC CORD, EUROPE
10/25/2022
logo
Asahi Kasei Microsystem...
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
   AV SCART Switch
logo
CUI INC
AC-C7-EU CUI-AC-C7-EU Datasheet
136Kb / 2P
   AC CORD, EUROPE
logo
CUI Devices
AC-C7-EU CUID-AC-C7-EU Datasheet
275Kb / 2P
   AC CORD, EUROPE
10/25/2022
logo
Teridian Semiconductor ...
5002R TERIDIAN-5002R Datasheet
425Kb / 30P
   Dual SCART A/V Switch
logo
TDK Electronics
AVPRO5003 TDK-AVPRO5003 Datasheet
125Kb / 17P
   Triple SCART A/V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com