Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5761V_0909 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LV5761V_0909
Description  1-channel Step-down Switching Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5761V_0909 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV5761V_0909 Datasheet HTML 1Page - Sanyo Semicon Device LV5761V_0909 Datasheet HTML 2Page - Sanyo Semicon Device LV5761V_0909 Datasheet HTML 3Page - Sanyo Semicon Device LV5761V_0909 Datasheet HTML 4Page - Sanyo Semicon Device LV5761V_0909 Datasheet HTML 5Page - Sanyo Semicon Device LV5761V_0909 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LV5761V
Timing Chart
When the MODE pin is set to the high level and the point of the over current detection is set by using the ILIM pin is
exceeded, the value becomes double the original value.
Also, when the MODE pin is set to the low level, the point of over current detection remains an original value.
Timing chart of the over current detection point switching is as below.
t
1.25V
current limit
× 2A
For example 6A
current limit
× 1A
For example 3A
over current detection point during High MODE
over current detection point during Low MODE
Load Current
0V
OCP
MODE = HIGH
Sample Application Circuit
SYNC
C10
C4
Q1
Q2
L
MODE
EN
SS
COMP
RT
CBOOT
C1
C9
C7
C2
C8
C5
C3
SYNC
H/L
ON/OFF
VIN = 8 to 42V
OUT
C6
C11
R5
R3
R2
R4
R7
HDRV
SW
LDRV
FB
VDD
GND OCP
VIN ILIM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
No.A1443-5/6


Similar Part No. - LV5761V_0909

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5761V SANYO-LV5761V Datasheet
90Kb / 6P
   1-channel Step-down Switching Regulator
logo
ON Semiconductor
LV5761V ONSEMI-LV5761V Datasheet
86Kb / 6P
   1-channel Step-down Switching Regulator
August, 2013
More results

Similar Description - LV5761V_0909

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5768M-TLM-H SANYO-LV5768M-TLM-H Datasheet
322Kb / 15P
   1-channel Step-down Switching Regulator
LV5747QA SANYO-LV5747QA Datasheet
88Kb / 6P
   1-channel Step-down Switching Regulator
LV5768V SANYO-LV5768V Datasheet
366Kb / 15P
   1-channel Step-down Switching Regulator
logo
Rohm
BD9702T ROHM-BD9702T Datasheet
307Kb / 6P
   1 Channel Step-down Switching Regulator
logo
Sanyo Semicon Device
LV5747TT SANYO-LV5747TT Datasheet
87Kb / 5P
   1-channel Step-down Switching Regulator
LV5749V SANYO-LV5749V Datasheet
81Kb / 6P
   1-channel Step-down Switching Regulator
LV5749NV SANYO-LV5749NV Datasheet
117Kb / 6P
   1-channel Step-down Switching Regulator
LV5768M SANYO-LV5768M Datasheet
322Kb / 15P
   1-channel Step-down Switching Regulator
logo
Rohm
BD9703FP ROHM-BD9703FP Datasheet
317Kb / 6P
   1 Channel Step-down Switching Regulator
logo
Sanyo Semicon Device
LV5747NTT SANYO-LV5747NTT Datasheet
179Kb / 5P
   1-channel Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com