Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5710GP Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LV5710GP
Description  For camera sensor Power supply for charge pump
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5710GP Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV5710GP Datasheet HTML 1Page - Sanyo Semicon Device LV5710GP Datasheet HTML 2Page - Sanyo Semicon Device LV5710GP Datasheet HTML 3Page - Sanyo Semicon Device LV5710GP Datasheet HTML 4Page - Sanyo Semicon Device LV5710GP Datasheet HTML 5Page - Sanyo Semicon Device LV5710GP Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LV5710GP
No.A1899-5/6
Output Voltage Setting Method
The output voltage of IC-incorporated LDO can be determined as follows :
VH =
R1+R2
R2
× VREF
For example, to set the output voltage to 12V, set the resistance
Value to R1 = 1070k
Ω/R2 = 130kΩ.
Short-circuit Protective Operation
The RO output pin has the short-circuit protective function.
The over-current detector circuit outputs the detection signal when the output current of 50mA (typ) or more flows or
when the output voltage drops below 87.5% (typ). When this detection signal is output continuously for 18ms (typ) or
more, IC determines that there is over-current and stops the output. To reset from the stop state, set the EN pin to “L”,
then set the EN pin to “H” again.
Equivalent circuit of the over-current detection circuit
Selecting the Frequency
According to the logic of S0 and S1, the charge pump operation frequency can be changed.
In the case of light load, the reactive power can be reduced by decreasing the operating frequency.
S0
S1
CP operating frequency
L
L
1MHz
H
L
500kHz
L
H
250kHz
H
H
125kHz
RO
CPO
FB
R1
R2
VREF = 1.3V
+
VREF
-
FB
RO
CPO
Output voltage
detection comparator
Short-circuit
detection signal
Output current
detection comparator
+
0.875
× VREF
-


Similar Part No. - LV5710GP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5710GP ONSEMI-LV5710GP Datasheet
97Kb / 7P
   Power Supply for Charge Pump
August, 2014
LV5710GP-TE-L-H ONSEMI-LV5710GP-TE-L-H Datasheet
97Kb / 7P
   Power Supply for Charge Pump
August, 2014
More results

Similar Description - LV5710GP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5710V SANYO-LV5710V Datasheet
78Kb / 6P
   Bi-CMOS LSI For camera sensor Power supply for charge pump
logo
ON Semiconductor
LV5710GP ONSEMI-LV5710GP Datasheet
97Kb / 7P
   Power Supply for Charge Pump
August, 2014
logo
Sanyo Semicon Device
LV5099CB SANYO-LV5099CB Datasheet
209Kb / 5P
   For HDMI controller Charge pump power supply
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
   Charge Pump LED Driver For Camera Flash
logo
Sanyo Semicon Device
LV56081GP SANYO-LV56081GP Datasheet
101Kb / 7P
   Charge Pump Power Supply
LV5608LP SANYO-LV5608LP Datasheet
163Kb / 8P
   Bi-CMOS LSI For CCD Charge pump power supply
logo
Linear Technology
LTC3214 LINER-LTC3214 Datasheet
184Kb / 12P
   500mA Camera LED Charge Pump
LTC3214 LINER-LTC3214_15 Datasheet
160Kb / 12P
   500mA Camera LED Charge Pump
logo
E-CMOS Corporation
EC6585D E-CMOS-EC6585D Datasheet
469Kb / 7P
   2 Channel Charge Pump Supply for TFT-LCD
EC6585 E-CMOS-EC6585 Datasheet
593Kb / 8P
   2 Channel Charge Pump Supply for TFT-LCD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com