Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5695P Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LV5695P
Description  For Car Audio Systems Multi-Power Supply System IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5695P Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LV5695P Datasheet HTML 3Page - Sanyo Semicon Device LV5695P Datasheet HTML 4Page - Sanyo Semicon Device LV5695P Datasheet HTML 5Page - Sanyo Semicon Device LV5695P Datasheet HTML 6Page - Sanyo Semicon Device LV5695P Datasheet HTML 7Page - Sanyo Semicon Device LV5695P Datasheet HTML 8Page - Sanyo Semicon Device LV5695P Datasheet HTML 9Page - Sanyo Semicon Device LV5695P Datasheet HTML 10Page - Sanyo Semicon Device LV5695P Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
LV5695P
No.A1972-7/13
Pin Function
Pin No.
Pin name
Description
Equivalent Circuit
1
ILM
ILM output pin
ON when CTRL1 = M1, H
8.5V/0.5A
15
2
VCC
GND
1
2
GND
GND pin
3
CD
CD output pin
ON when CTRL1 = M2, H
8.0V/2A
15
2
VCC
GND
3
4
6
8
CTRL1
CTRL2
CTRL3
CTRL1/2/3 input pin
Four values input
VCC
15
2
GND
6
4
8
5
AUDIO
AUDIO output pin
ON when CTRL2 = M1, H
8.45V/0.8A
15
2
VCC
GND
5
Continued on next page.


Similar Part No. - LV5695P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
289Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5695P ONSEMI-LV5695P Datasheet
255Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5695P ONSEMI-LV5695P Datasheet
345Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5695P-E ONSEMI-LV5695P-E Datasheet
255Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P_12 Datasheet
289Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
More results

Similar Description - LV5695P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com