Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5693P Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LV5693P
Description  For Car Audio Systems Multi-Power Supply System IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5693P Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV5693P Datasheet HTML 1Page - Sanyo Semicon Device LV5693P Datasheet HTML 2Page - Sanyo Semicon Device LV5693P Datasheet HTML 3Page - Sanyo Semicon Device LV5693P Datasheet HTML 4Page - Sanyo Semicon Device LV5693P Datasheet HTML 5Page - Sanyo Semicon Device LV5693P Datasheet HTML 6Page - Sanyo Semicon Device LV5693P Datasheet HTML 7Page - Sanyo Semicon Device LV5693P Datasheet HTML 8Page - Sanyo Semicon Device LV5693P Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LV5693P
No.A1914-5/15
Example of CTRL2 application circuit
EXT
ILM
CTRL2
0V
0V
0V
0V
3.3V
1.06V
3.3V
0V
2.13V
3.3V
3.3V
3.20V
note) The control terminal is input 3.3V correspondence. Please set it by the input resistance at 5V input.
(Warning) Usage of CTRL2
When CTRL pin transits between L and M2, since it passes M1, ILM is turned on for a moment. Likewise, when CTRL
pin transits between H and M1, since it passes M2, ILM is turned off for a moment.
To avoid operation failure by the above factors, please refer to the following precautions.
Do not connect parasitic capacitor to CTRL as much as possible.
If use of capacitor for CTRL is required, keep the resistance value as low as possible.
Make sure that the output load capacitor has enough marjin against the voltage fluctuation due to instantaneous
ON/OFF.
EXT
ILM
CTRL2


Similar Part No. - LV5693P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5693P ONSEMI-LV5693P Datasheet
273Kb / 15P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5693P ONSEMI-LV5693P Datasheet
412Kb / 16P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5693P-E ONSEMI-LV5693P-E Datasheet
273Kb / 15P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5693P ONSEMI-LV5693P_14 Datasheet
412Kb / 16P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
More results

Similar Description - LV5693P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com