Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER80-805 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ER80-805
Description  DC Filter Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ER80-805 Datasheet(HTML) 3 Page - Vishay Siliconix

  ER80-805 Datasheet HTML 1Page - Vishay Siliconix ER80-805 Datasheet HTML 2Page - Vishay Siliconix ER80-805 Datasheet HTML 3Page - Vishay Siliconix ER80-805 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 13013
For technical questions, contact: esta@vishay.com
www.vishay.com
Revision: 11-Aug-10
3
ER
DC Filter Capacitors
Vishay ESTA
Note
(1) These capacitors are fitted with one high voltage terminal and case terminal. An additional terminal for connection to case is
available as an optional extra. Add suffix M to part number.
TYPE DESCRIPTION
PART NUMBER CAP.
μF
AB
C
D
E
5000 VDC WKG
ER50-104
0.1
60
48
28
20
20
ER50-254
0.25
75
48
28
20
20
ER50-105
1.0
115
54
48
22
35
ER50-405
4.0
155
85
67
40
35
ER50-805
8.0
135
130
100
50
35
ER50-106
10.0
155
130
100
50
35
ER50-206
20.0
290
130
100
50
35
ER50-506
50.0
295
180
180
75
35
6000 VDC WKG
ER60-104
0.1
65
54
48
(1)
35
ER60-254
0.25
80
54
48
(1)
35
ER60-504
0.5
100
80
48
40
35
ER60-105
1.0
100
85
67
40
35
ER60-205
2.0
100
130
100
50
35
ER60-405
4.0
135
130
100
50
35
ER60-605
6.0
180
130
100
50
35
ER60-805
8.0
250
130
100
50
35
ER60-106
10.0
290
130
100
50
35
ER60-126
12.0
345
130
100
50
35
ER60-206
20.0
180
220
164
125
60
8000 VDC WKG
ER80-503
0.05
58
60
54
(1)
60
ER80-104
0.1
65
60
54
(1)
60
ER80-254
0.25
85
60
54
(1)
60
ER80-504
0.5
140
60
54
(1)
60
ER80-105
1.0
120
85
67
40
60
ER80-205
2.0
120
130
100
50
60
ER80-405
4.0
200
130
100
50
60
ER80-605
6.0
270
130
100
50
60
ER80-805
8.0
345
130
100
50
60
ER80-156
15.0
280
180
180
75
60
10 000 VDC WKG
ER100-503
0.05
58
80
48
40
60
ER100-104
0.1
65
80
48
54
60
ER100-504
0.5
140
80
48
40
60
ER100-105
1.0
160
85
67
40
60
ER100-205
2.0
140
130
100
50
60
ER100-405
4.0
260
130
100
50
60
ER100-605
6.0
350
130
100
50
60
ER100-805
8.0
300
190
120
75
60
ER100-156
15.0
350
180
180
75
60
TYPE DESCRIPTION
PART NUMBER
CAP.
μF
AB
C
D
E
12 000 VDC WKG
ER120-503
0.05
75
85
67
40
60
ER120-104
0.10
100
85
67
40
60
ER120-254
0.25
105
85
67
40
60
ER120-105
1.0
145
130
100
75
60
ER120-205
2.0
240
130
100
75
60
ER120-405
4.0
280
190
120
75
60
15 000 VDC WKG
ER150-103
0.01
60
60
54
(1)
60
ER150-203
0.02
60
60
54
(1)
60
ER150-503
0.05
85
60
54
(1)
60
ER150-104
0.10
105
80
48
(1)
60
ER150-254
0.25
125
85
67
40
60
ER150-504
0.50
190
85
67
40
60
ER150-504X
0.50
105
130
100
75
60
ER150-105
1.0
160
130
100
75
60
ER150-205
2.0
190
159
120
75
60
20 000 VDC WKG
ER200-103
0.01
70
80
48
(1)
60
ER200-503X
0.05
85
85
67
40
60
ER200-104
0.1
105
85
67
40
60
ER200-254
0.25
190
85
67
40
60
ER200-504
0.5
160
130
100
75
60
ER200-105
1.0
300
130
100
75
60
ER200-205
2.0
250
180
180
90
100
ER200-405
4.0
305
240
180
100
100
25 000 VDC WKG
ER250-503
0.05
110
85
67
(1)
70
ER250-104X
0.1
95
130
100
65
70
ER250-254
0.25
130
130
100
65
70
ER250-504
0.5
250
130
100
65
70
30 000 VDC WKG
ER300-303
0.03
120
85
67
(1)
70
ER300-104
0.1
200
85
67
(1)
70
ER300-104X
0.1
120
130
100
65
70
ER300-504
0.5
315
130
100
65
70
ER300-105
1.0
295
180
180
75
100
40 000 VDC WKG
ER400-303
0.03
160
85
67
(1)
70
ER400-503
0.05
210
85
67
(1)
70
ER400-503X
0.05
125
130
100
65
70


Similar Part No. - ER80-805

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER800 PANJIT-ER800 Datasheet
54Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 400 Volts CURRENT - 8.0 Amperes)
logo
Transys Electronics
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
ER800 WTE-ER800 Datasheet
47Kb / 3P
   8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
ER800 WTE-ER800 Datasheet
50Kb / 4P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER800 PANJIT-ER800 Datasheet
41Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ER80-805

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ET10-103 VISHAY-ET10-103 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
EC100-104 VISHAY-EC100-104 Datasheet
179Kb / 2P
   High Voltage DC Filter Capacitors
Revision: 11-Aug-10
EPR VISHAY-EPR Datasheet
85Kb / 3P
   High Voltage DC Filter Capacitors
logo
Powerbox
SNA-01-223 POWERBOX-SNA-01-223 Datasheet
287Kb / 1P
   DC FILTER
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00_V01 Datasheet
810Kb / 6P
   DC-DC Converter Input Filter
14 December 2021
FRD6-00 BEL-FRD6-00 Datasheet
665Kb / 5P
   DC-DC Converter Input Filter
13 September 2022
logo
CUI INC
VFM-XX CUI-VFM-XX_V01 Datasheet
3Mb / 9P
   DC EMI FILTER
01/17/2022
VFM-XX CUI-VFM-XX Datasheet
633Kb / 7P
   DC EMI FILTER
logo
Schaffner International...
FN-766X SCHAFFNER-FN-766X Datasheet
299Kb / 4P
   DC Feedthrough Filter
logo
CUI INC
VFM-50 CUI-VFM-50_V01 Datasheet
779Kb / 5P
   DC POWER LINE FILTER
01/25/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com