Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5256GP Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LV5256GP
Description  Operating Mode Switching Type Step-Up/Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5256GP Datasheet(HTML) 8 Page - Sanyo Semicon Device

  LV5256GP_09 Datasheet HTML 1Page - Sanyo Semicon Device LV5256GP_09 Datasheet HTML 2Page - Sanyo Semicon Device LV5256GP_09 Datasheet HTML 3Page - Sanyo Semicon Device LV5256GP_09 Datasheet HTML 4Page - Sanyo Semicon Device LV5256GP_09 Datasheet HTML 5Page - Sanyo Semicon Device LV5256GP_09 Datasheet HTML 6Page - Sanyo Semicon Device LV5256GP_09 Datasheet HTML 7Page - Sanyo Semicon Device LV5256GP_09 Datasheet HTML 8Page - Sanyo Semicon Device LV5256GP_09 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LV5256GP
No.A1277-8/9
Continued from preceding page.
Pin No.
Pin Name
Description
Equivalent Circuit
18
RT
Oscillation frequency setting pin. Connect a resistor
between this pin and GND. A 100k
Ω resistor causes the
oscillator to oscillate at 1MHz (typ.).
18
VDD
10k
500
19
VDD
Logic system power supply. Apply 3.0V
±0.1V to this pin
from an external source.
20
LGND
Logic system ground pin. All voltages are measured with
respect to this voltage level.
Startup Sequence
ONOFF
VIN
REG_O
VOUT-5
SS
SW
ONOFF:H
REG_O startup
UVLO release
VOUT-5 startup
VOUT-5 normal judgment
SS start
Power supply operation beginning
VDD
* Be sure to set the ONOFF to 0V when starts or stops VDD. And apply voltage to VIN after VDD started up.


Similar Part No. - LV5256GP_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5256GP SANYO-LV5256GP Datasheet
142Kb / 9P
   Bi-CMOS LSI Operating Mode Switching Type Step-Up/Down Converter
More results

Similar Description - LV5256GP_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5256GP SANYO-LV5256GP Datasheet
142Kb / 9P
   Bi-CMOS LSI Operating Mode Switching Type Step-Up/Down Converter
logo
Maxim Integrated Produc...
MAX16936EVKIT MAXIM-MAX16936EVKIT Datasheet
581Kb / 8P
   current-mode step-down converter with low operating current
Rev 2; 3/20
logo
Rohm
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
logo
Rohm
BA9743AFV ROHM-BA9743AFV_08 Datasheet
3Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BA9743AFV ROHM-BA9743AFV_11 Datasheet
4Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BD9300F ROHM-BD9300F_08 Datasheet
871Kb / 17P
   Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
logo
Sanken electric
SI-8100QL SANKEN-SI-8100QL_11 Datasheet
79Kb / 2P
   Current Mode Control Step-down Switching Mode
SI-8105QL SANKEN-SI-8105QL Datasheet
56Kb / 2P
   Current Mode Control Step-down Switching Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com