Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5232VH Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LV5232VH
Description  16ch LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5232VH Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LV5232VH Datasheet HTML 1Page - Sanyo Semicon Device LV5232VH Datasheet HTML 2Page - Sanyo Semicon Device LV5232VH Datasheet HTML 3Page - Sanyo Semicon Device LV5232VH Datasheet HTML 4Page - Sanyo Semicon Device LV5232VH Datasheet HTML 5Page - Sanyo Semicon Device LV5232VH Datasheet HTML 6Page - Sanyo Semicon Device LV5232VH Datasheet HTML 7Page - Sanyo Semicon Device LV5232VH Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LV5232VH
No.A1628-6/8
Timing conditions
Parameter
symbol
Conditions
min
typ
max
unit
Clock frequency
fs1
SCK Duty = 50%
10
MHz
Clock pulse width
twck
SCK
50
ns
Latch pulse width
twla
LATCH
50
ns
Data set up time
ts1
SDATAIN setup time relative to the rise of SCK
25
ns
Data hold time
th1
SDATAIN data hold time relative to the rise of SCK
25
ns
Clock latch time
tla1
100
ns
Input conditions 1
ton
SCK and SDATAIN rise time
100
ns
Input conditions 2
toff
SCL and SDATAIN fall time
100
ns
SOUT output timings
Parameter
symbol
Conditions
min
typ
max
unit
SOUT delay time 1
tdso1
The time from a SCK falling edge to SOUT rising edge
50
MHz
SOUT delay time 2
tdso2
The time from a SCK falling edge to SOUT falling edge
50
ns
2.5V
2.5V
SCK
SDATAIN
LATCH
2.5V
2.5V
ts1
10%
90%
10%
90%
th1
2.5V
2.5V
tla1
twla
toff
ton
twck
2.5V
SCK
SOUT
2.5V
2.5V
tdso1
2.5V
tdso2


Similar Part No. - LV5232VH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5232VH ONSEMI-LV5232VH Datasheet
209Kb / 9P
   16ch LED Driver
September, 2013
LV5232VH-MPB-H ONSEMI-LV5232VH-MPB-H Datasheet
209Kb / 9P
   16ch LED Driver
September, 2013
LV5232VH-TLM-H ONSEMI-LV5232VH-TLM-H Datasheet
209Kb / 9P
   16ch LED Driver
September, 2013
More results

Similar Description - LV5232VH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5232VH ONSEMI-LV5232VH Datasheet
209Kb / 9P
   16ch LED Driver
September, 2013
logo
Contec Co., Ltd
ATCH-16A CONTEC-ATCH-16A Datasheet
175Kb / 1P
   16Ch Extension sub board
ATUH-16A CONTEC-ATUH-16A Datasheet
161Kb / 1P
   16CH Extension Sub-board
AD12-16 CONTEC-AD12-16 Datasheet
339Kb / 3P
   16Ch/12Bit Analog Input Board
DIO-1616LN-ETH CONTEC-DIO-1616LN-ETH Datasheet
412Kb / 4P
   Isolated Digital I/O Unit 16ch DI
logo
List of Unclassifed Man...
WC1602K ETC-WC1602K Datasheet
118Kb / 1P
   16CH x 2 Lines 1/16Duty,1/5Bias LCD
LVC-5000-A2 ETC2-LVC-5000-A2 Datasheet
531Kb / 4P
   Fanless Mobile DVR with Intel Celeron 1047UE & 16CH Fanless Mobile DVR with Intel Celeron 1047UE & 16CH
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com