Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5217GP Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LV5217GP
Description  3ch LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5217GP Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LV5217GP_10 Datasheet HTML 2Page - Sanyo Semicon Device LV5217GP_10 Datasheet HTML 3Page - Sanyo Semicon Device LV5217GP_10 Datasheet HTML 4Page - Sanyo Semicon Device LV5217GP_10 Datasheet HTML 5Page - Sanyo Semicon Device LV5217GP_10 Datasheet HTML 6Page - Sanyo Semicon Device LV5217GP_10 Datasheet HTML 7Page - Sanyo Semicon Device LV5217GP_10 Datasheet HTML 8Page - Sanyo Semicon Device LV5217GP_10 Datasheet HTML 9Page - Sanyo Semicon Device LV5217GP_10 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LV5217GP
No.A0833-6/12
Power Supply Application
1. Either bring up VCC and VDD at the same time, or bring up VCC first then VDD.
2. Then, set the serial data. (After the serial data has been set, a period of about 2
μs is required as the startup time for
the IC internal circuits.)
3. Finally, clear the STBY pin states.
Serial Data Map
Register address
Data
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
RSW
R[6:0]
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
GSW
G[6:0]
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
BSW
B[6:0]
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
Upper row : Register name, Lower row : default value
Serial Data Mode Settings
R mode
0
0
0
0
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
LEDR output setting
D7
RSW
0
OFF (default)
1
ON
G mode
0
0
0
0
0
0
0
1
D7
D6
D5
D4
D3
D2
D1
D0
LEDR output setting
D7
GSW
0
OFF (default)
1
ON
B mode
0
0
0
0
0
0
1
0
D7
D6
D5
D4
D3
D2
D1
D0
LEDR output setting
D7
BSW
0
OFF (default)
1
ON


Similar Part No. - LV5217GP_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5217GP SANYO-LV5217GP Datasheet
106Kb / 12P
   Bi-CMOS IC For Cell Phones 3ch LED Driver
More results

Similar Description - LV5217GP_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5213LP ONSEMI-LV5213LP Datasheet
178Kb / 10P
   3ch LED Driver
August, 2013
logo
Sanyo Semicon Device
LV5213LP SANYO-LV5213LP Datasheet
191Kb / 10P
   3ch LED Driver
logo
Rohm
BA7660FS ROHM-BA7660FS_1 Datasheet
171Kb / 6P
   3ch 75ohm driver
BD6878GUW ROHM-BD6878GUW Datasheet
220Kb / 6P
   3ch Stepping Motor Driver
logo
Unisonic Technologies
ULN2001LC UTC-ULN2001LC Datasheet
221Kb / 6P
   3CH DARLINGTON SINK DRIVER
ULN2001 UTC-ULN2001 Datasheet
219Kb / 6P
   3CH DARLINGTON SINK DRIVER
logo
New Japan Radio
NJW4702 NJRC-NJW4702 Datasheet
40Kb / 4P
   3ch Laser Diode Driver
logo
Rohm
BD16933EFV-C ROHM-BD16933EFV-C Datasheet
1Mb / 25P
   Automotive 3ch Half Bridge Driver
logo
Sanyo Semicon Device
LV5217GP SANYO-LV5217GP Datasheet
106Kb / 12P
   Bi-CMOS IC For Cell Phones 3ch LED Driver
logo
Asahi Kasei Microsystem...
AP2152 AKM-AP2152 Datasheet
995Kb / 18P
   3CH High Power WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com