Part Name
         Description
ER10-256

 DC Filter Capacitors ( 4 Page)


VISHAY
100% 
Zoom Out Zoom In
   
 2 page
background image
www.vishay.com
For technical questions, contact: esta@vishay.com
Document Number: 13013
2
Revision: 11-Aug-10
ER
Vishay ESTA
DC Filter Capacitors
CAPACITANCE RANGE
0.01 μF to 100 μF. The tolerance is ± 10 %. Other tolerances
are available on request. Nominal values measured at 1 kHz.
VOLTAGE RANGE
1000 VDC to 40 000 VDC other values on request.
TEST VOLTAGE
Terminal/terminal (Vt/t)
For DC rating < 20 kV
Vt/t = 2.0 x rated voltage 60 s
For DC rating > 20 kV
Vt/t = 1.5 x rated voltage 60 s
WEIGHT
The approximate weight in kg of capacitors in the ER range
can be estimated by multiplying the volume of the capacitor
container by 1.45 (1) x 10 -6.
TERMINATIONS
Add suffix W to part No. To indicate wire terminations.
CAPACITANCE
Capacitance tolerance of 20 % is standard with those
marked (1).
FLASHOVER
Up to 5000 V rating, the capacitor terminals will withstand
125 % of the rated voltage without flashover at a pressure
of 85 mm Hg., equivalent to 50 000 feet altitude. Above
5000 V rating, the capacitor terminals will withstand 125 %
of the rated voltage at a pressure of 500 mg Hg, equivalent
to 10 000 feet altitude.
LIFE TESTS
Conducted at 85 °C for 500 h. The voltage applied will be
140 % of the rated voltage.
Fig. 5
M6
1 mm
B
L
D
K
TYPE DESCRIPTION
PART NUMBER CAP.
μF
AB
C
D
E
1000 VDC WKG
ER10-104
0.1
50
48
28
20
20
ER10-504
0.5
50
48
28
20
20
ER10-105
1.0
75
48
28
20
20
ER10-405
4.0
75
60
54
25
35
ER10-605
6.0
95
60
54
25
35
ER10-106
10.0
115
80
48
40
35
ER10-256
25.0
155
85
67
40
35
ER10-506
50.0
155
130
100
50
35
1500 VDC WKG
ER15-104
0.1
60
48
28
20
20
ER15-504
0.5
60
48
28
20
20
ER15-205
2.0
75
54
48
22
35
ER15-405
4.0
115
54
48
22
35
ER15-805
8.0
95
85
67
40
35
ER15-106
10.0
115
85
67
40
35
ER15-126
12.0
135
85
67
40
35
ER15-256
25.0
115
130
100
50
35
ER15-506
50.0
180
130
100
50
35
2000 VDC WKG
ER20-104
0.1
60
48
28
20
20
ER20-254
0.25
60
48
28
20
20
ER20-504
0.5
60
48
28
20
20
ER20-105
1.0
95
48
28
20
20
ER20-205
2.0
75
54
48
22
35
ER20-405
4.0
115
54
48
22
35
ER20-605
6.0
135
60
54
25
35
ER20-106
10.0
115
85
67
40
35
ER20-126
12.0
135
85
67
40
35
ER20-206
20.0
115
130
100
50
35
3000 VDC WKG
ER30-104
0.1
60
48
28
20
20
ER30-504
0.5
75
48
28
20
20
ER30-105
1.0
115
48
28
20
20
ER30-105X
1.0
75
54
48
22
35
ER30-205
2.0
115
54
48
22
35
ER30-405
4.0
155
60
54
25
35
ER30-605
6.0
180
80
48
40
35
ER30-805
8.0
155
85
67
40
35
ER30-106
10.0
95
130
100
50
35
ER30-206
20.0
155
130
100
50
35
ER30-256
25.0
180
130
100
50
35
ER30-104
0.1
60
48
28
20
20
4000 VDC WKG
ER40-104
0.1
60
48
28
20
20
ER40-254
0.25
75
48
28
20
20
ER40-504
0.5
95
48
28
20
20
ER40-105
1.0
95
54
48
22
35
ER40-205
2.0
135
54
48
22
35
ER40-405
4.0
115
85
67
40
35
ER40-805
8.0
115
130
100
50
35
ER40-106
10.0
135
130
100
50
35
ER40-206
20.0
230
130
100
50
35
ER40-306
30.0
320
130
100
50
35



Html Pages

1  2  3  4 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl