Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5068V Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV5068V
Description  Low power consumption and high efficiency Step-down Switching Regulator Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5068V Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV5068V Datasheet HTML 1Page - Sanyo Semicon Device LV5068V Datasheet HTML 2Page - Sanyo Semicon Device LV5068V Datasheet HTML 3Page - Sanyo Semicon Device LV5068V Datasheet HTML 4Page - Sanyo Semicon Device LV5068V Datasheet HTML 5Page - Sanyo Semicon Device LV5068V Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LV5068V
No.A1875-3/6
Package Dimensions
unit : mm (typ)
3178B
Block Diagram
SANYO : SSOP16(225mil)
5.2
0.22
0.65
(0.33)
18
9
16
0.15
Pd max -- Ta
-40
-20
0
20
40
60
80
120
0.38
0
0.4
0.8
1.2
0.74
100
Ambient temperature, Ta -C
Specified circuit board :
114.3
×76.1×1.6mm3
glass epoxy board
Wake-up
Band-gap
Bias
+
-
uvlo.comp
TSD
+
-
HIC CUP.comp
REF
Pch
Drive
15pluse
counter
+
-
R1
R2
16.REF
7.PDR
4.VIN
C3
C5
C1
C10
VIN
R3
pwm.comp
PbyP.comp
+
-
5.RSNS
3.ILIM
VIN
Level-shift
PDR
S
Q
R
Q
OSC
clk
slope
10.RT
8.GND
R7
6.HDRV
C2
C9
R4
FB
R5
L
D1
+
-
2.EN
Hi:ON
Lo:OFF
VIN
11.C-HICCUP
C8
14.COMP
15.FB
C7
C6
12.SS
1.PG
13.NC
R6
FB
err.amp
PG.comp
1.1V
1.26V
enable
Q1
9. SYNC
R8
enable


Similar Part No. - LV5068V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
   high efficiency Step-down Switching Regulator Controller
August, 2013
More results

Similar Description - LV5068V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5061V SANYO-LV5061V Datasheet
157Kb / 6P
   Low power consumption and high efficiency Step-down Switching Regulator Controller
LV5980MC SANYO-LV5980MC Datasheet
386Kb / 16P
   Low power consumption and high efficiency Step-down Switching Regulator
logo
ON Semiconductor
LV5061V-TLM-H ONSEMI-LV5061V-TLM-H Datasheet
114Kb / 6P
   Low power consumption and high efficiency Step-down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
LV5980MX SANYO-LV5980MX Datasheet
471Kb / 16P
   Low power consumption and high efficiency Step-down Switching Regulator
LV5066V SANYO-LV5066V Datasheet
109Kb / 5P
   Bi-CMOS IC Low power consumption and high efficiency Step-down Switching Regulator Controller
LV5990M SANYO-LV5990M Datasheet
227Kb / 6P
   Bi-CMOS IC Low power consumption and high efficiency Step-down Switching Regulator
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
   high efficiency Step-down Switching Regulator Controller
August, 2013
logo
Rohm
BD9775FV ROHM-BD9775FV_11 Datasheet
426Kb / 15P
   High Efficiency Step-down Switching Regulator Controller
logo
Linear Technology
LT1432 LINER-LT1432 Datasheet
611Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com