Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5027M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV5027M
Description  LED Driver IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5027M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV5027M Datasheet HTML 1Page - Sanyo Semicon Device LV5027M Datasheet HTML 2Page - Sanyo Semicon Device LV5027M Datasheet HTML 3Page - Sanyo Semicon Device LV5027M Datasheet HTML 4Page - Sanyo Semicon Device LV5027M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LV5027M
No.A1933-2/5
Electrical Characteristics at Ta
= 25°C, VIN = 12V, unless otherwise specified.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reference Voltage block
Built-in Reference Voltage
VREF
0.585
0.605
0.625
V
VREF VIN regulation
VREF_LN
VIN = 8.5 to 24V
±0.5
%
Under Voltage Lockout
Operation Start Input Voltage
UVLOON
8
9
10
V
Operation Stop Input Voltage
UVLOOFF
6.3
7.3
8.3
V
Hysterisys Voltage
UVLOH
1.7
V
Oscillation
Frequency
FOSC
RT = OPEN
50
kHz
Maximum Duty
MAXDuty
93
%
Comparator
Input offset Voltage
(Between CS and VREF)
VIO_VR
1
10
mV
IIOCS
160
nA
Input current
IIOREF
80
nA
CS pin max voltage
VOM
1
V
malfunction prevention mask
time
TMSK
150
ns
Thermal protection Circuit
Thermal shutdown temperature
TSD
*Design guarantee
165
°C
Thermal shutdown hysterisys
ΔTSD
*Design guarantee
30
°C
Drive Circuit
OUT sink current
IOI
500
1000
mA
OUT source current
IOO
120
mA
Minimum On time
TMIN
200
300
ns
VCC current
UVLO mode VIN current
ICCOFF
VIN<UVLOON
80
120
μA
Normal mode VIN current
ICCON
VIN>UVLOON, OUT = OPEN
0.6
mA
VIN Over Voltage Protection Circuit
VIN over voltage protection
voltage
VINOVP
24
27
30
V
CS terminal abnormal sensing circuit
Abnormal sensing voltage
CSOCP
1.9
V
*: Design guarantee (value guaranteed by design and not tested before shipment)
Package Dimensions
unit : mm (typ)
3086B
SANYO : MFP10S(225mil)
1
10
5
6
(0.5)
1.0
0.35
5.0
0.15


Similar Part No. - LV5027M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5026M SANYO-LV5026M Datasheet
158Kb / 17P
   LED Driver IC
LV5026MC SANYO-LV5026MC Datasheet
213Kb / 16P
   LED Driver IC
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
   LED Driver IC for LED Lighting
More results

Similar Description - LV5027M

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com