Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV4985VH Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LV4985VH
Description  For Portable Electronic Device Use 1.2W x 2ch BTL Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV4985VH Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LV4985VH Datasheet HTML 2Page - Sanyo Semicon Device LV4985VH Datasheet HTML 3Page - Sanyo Semicon Device LV4985VH Datasheet HTML 4Page - Sanyo Semicon Device LV4985VH Datasheet HTML 5Page - Sanyo Semicon Device LV4985VH Datasheet HTML 6Page - Sanyo Semicon Device LV4985VH Datasheet HTML 7Page - Sanyo Semicon Device LV4985VH Datasheet HTML 8Page - Sanyo Semicon Device LV4985VH Datasheet HTML 9Page - Sanyo Semicon Device LV4985VH Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LV4985VH
Application Circuit Example 1
(BTL mode only)
+
C4
0.33
μF
R5
C3
0.33
μF
18k
Ω
100k
Ω
R3
R4
Speaker
VCC
8
9
10
11
12
13
14
7
6
5
4
3
2
1
C2
Vin2
0.33
μF
0.33
μF
C5
1
μF
C7
0.1
μF
C6
2.2
μF
R1
18k
Ω
R2
100k
Ω
Speaker
C1
Vin1
R7
C8
R8
Application Circuit Example 2
(BTL mode/SE mode changeover)
C4
0.33
μF
R5
R6
C3
0.33
μF
C5
1
μF
+
C7
0.1
μF
C6
2.2
μF
R7
18k
Ω
100k
Ω
R3
R4
Speaker
VCC
8
9
10
11
12
13
14
7
6
5
4
3
2
1
C2
Vin2
0.33
μF
0.33
μF
R1
18k
Ω
R2
100k
Ω
Speaker
C1
Vin1
C8
R8
R11
1K
Ω
R12
1K
Ω
100
μF
33
Ω
C9
R9
+
100
μF
33
Ω
C10
R10
+
No.A1568-6/15


Similar Part No. - LV4985VH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4985VH SANYO-LV4985VH Datasheet
408Kb / 15P
   Bi-CMOS IC For Portable Electronic Device Use 1.2W 횞 2ch BTL Power Amplifier
More results

Similar Description - LV4985VH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4985VH SANYO-LV4985VH Datasheet
408Kb / 15P
   Bi-CMOS IC For Portable Electronic Device Use 1.2W 횞 2ch BTL Power Amplifier
LV49821VH SANYO-LV49821VH Datasheet
404Kb / 15P
   For Portable Electronic Device Use 1.4W 횞 2ch BTL Power Amplifier
logo
ON Semiconductor
LV49821VH ONSEMI-LV49821VH Datasheet
318Kb / 15P
   For Portable Electronic Device Use Power Amplifier
May, 2013
logo
Toshiba Semiconductor
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
   20W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
   30W BTL X 2ch Audio Power Amplifier
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8210H TOSHIBA-TA8210H Datasheet
740Kb / 11P
   22W BTL x 2CH AUDIO POWER AMPLIFIER
1990-6-12
TA8201AH TOSHIBA-TA8201AH Datasheet
488Kb / 11P
   18W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233H TOSHIBA-TA8233H Datasheet
598Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8221AH TOSHIBA-TA8221AH Datasheet
594Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com