Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB76DBK18SGXA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EB76DBK18SGXA
Description  Edgeboard Connectors, Dual Readout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB76DBK18SGXA Datasheet(HTML) 2 Page - Vishay Siliconix

  EB76DBK18SGXA Datasheet HTML 1Page - Vishay Siliconix EB76DBK18SGXA Datasheet HTML 2Page - Vishay Siliconix EB76DBK18SGXA Datasheet HTML 3Page - Vishay Siliconix EB76DBK18SGXA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: 36003
For technical questions, contact: connectors@vishay.com
www.vishay.com
Revision: 16-Feb-09
9
EB7D
Edgeboard Connectors, Dual Readout
Vishay Dale
DIMENSIONS in inches (millimeters)
Section C to C:
Polarizing Key:
When ordering polarizing keys individually,
specify by the Model Number:
PK-7 between contacts. Hand insertion tool,
TPK-7, provided upon request.
# OF CONTACT
POSITIONS
PER SIDE
ABD
E
F
6
1.78 (45.21)
1.53 (38.86)
1.22 (30.99)
1.10 (27.94)
0.328 (8.33)
10
2.41 (61.21)
2.16 (54.86)
1.84 (46.74)
1.72 (43.69)
0.328 (8.33)
12
2.72 (69.09)
2.47 (62.74)
2.16 (54.86)
2.04 (51.82)
0.328 (8.33)
15
3.19 (81.03)
2.94 (74.68)
2.62 (66.55)
2.50 (63.50)
0.328 (8.33)
18
3.66 (92.96)
3.41 (86.61)
3.09 (78.49)
2.97 (75.44)
0.328 (8.33)
22
4.28 (108.71)
4.03 (102.36)
3.72 (94.49)
3.60 (91.44)
0.328 (8.33)
36
6.53 (165.86)
6.22 (157.99)
5.91 (150.11)
5.78 (146.81)
0.438 (11.13)
43
7.62 (193.55)
7.30 (185.42)
7.00 (177.80)
6.80 (172.72)
0.500 (12.70)
C
C
A
B
D
E
0.062 ± 0.010
(1.57 ± 0.254)
R Typ.
See Table
for Mounting
Variations
See Table
for Terminal
Variations
0.156 ± 0.005
(3.96 ± 0.127)
Non-Cumulative
0.250
(6.35)
0.440
(11.18)
0.030 (0.762)
F
± 0.010 (± 0.254)
Type “A”
0.054 to 0.071
(1.37 to 1.80)
0.260 (6.60)
Depth of Card
Insertion
0.250
(6.35)
Types “C” and “K”
0.054 to 0.071
(1.37 to 1.80)
0.260 (6.60)
Depth of Card
Insertion
0.140 (3.56)
0.028
(0.711)
0.245
(6.22)
0.230
(5.84)


Similar Part No. - EB76DBK18SGXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB7 VISHAY-EB7 Datasheet
202Kb / 8P
   Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Revision 14-Aug-02
logo
Adam Technologies, Inc.
EB71-XX-C ADAM-TECH-EB71-XX-C Datasheet
71Kb / 1P
   TERMINAL BLOCK
logo
Vishay Siliconix
EB71DBA10SGFXA VISHAY-EB71DBA10SGFXA Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB71DBA10SGXA VISHAY-EB71DBA10SGXA Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB71DBA12SGFXA VISHAY-EB71DBA12SGFXA Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
More results

Similar Description - EB76DBK18SGXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S Datasheet
145Kb / 3P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
   Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Revision 14-Aug-02
EB6 VISHAY-EB6_V01 Datasheet
194Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
01-Jan-2022
EB6 VISHAY-EB6 Datasheet
148Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
EB4 VISHAY-EB4 Datasheet
158Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com