Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB61K12SGX15 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EB61K12SGX15
Description  Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB61K12SGX15 Datasheet(HTML) 2 Page - Vishay Siliconix

  EB61K12SGX15 Datasheet HTML 1Page - Vishay Siliconix EB61K12SGX15 Datasheet HTML 2Page - Vishay Siliconix EB61K12SGX15 Datasheet HTML 3Page - Vishay Siliconix EB61K12SGX15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions, contact: connectors@vishay.com
Document Number: 36002
6
Revision: 16-Feb-09
EB6
Vishay Dale
Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C,
Standard and Right Angle Terminals
DIMENSIONS in inches (millimeters)
Polarizing Key:
When ordering polarizing keys individually,
specify by the Model Number:
PK-6 between contacts. Hand insertion tool,
TPK-6, provided upon request.
# OF CONTACT
POSITIONS
PER SIDE
A
BCD
E
6
1.555 (39.50)
1.295 (32.89)
0.875 (22.22)
1.035 (26.29)
0.875 (22.22)
10
2.055 (52.20)
1.795 (45.59)
1.375 (34.92)
1.535 (38.99)
1.375 (34.92)
12
2.305 (58.55)
2.045 (51.94)
1.625 (41.28)
1.785 (45.34)
1.625 (41.28)
14
2.555 (64.90)
2.295 (58.29)
1.875 (47.62)
2.035 (51.69)
1.875 (47.62)
15
2.680 (68.07)
2.420 (61.47)
2.000 (50.80)
2.160 (54.86)
2.000 (50.80)
18
3.055 (77.60)
2.795 (70.99)
2.375 (60.32)
2.535 (64.39)
2.375 (60.32)
22
3.555 (90.30)
3.295 (83.69)
2.875 (73.02)
3.035 (77.09)
2.875 (73.02)
24
3.805 (96.65)
3.545 (90.04)
3.125 (79.38)
3.285 (83.44)
3.125 (79.38)
25
3.930 (99.82)
3.670 (93.22)
3.250 (82.55)
3.410 (86.61)
3.250 (82.55)
28
4.305 (109.35)
4.045 (102.74)
3.625 (92.08)
3.785 (96.14)
3.625 (92.08)
30
4.555 (115.70)
4.295 (109.09)
3.875 (98.42)
4.035 (102.49)
3.875 (98.42)
31
4.680 (118.87)
4.420 (112.27)
4.000 (101.60)
4.160 (105.66)
4.000 (101.60)
32
4.805 (122.05)
4.545 (115.44)
4.125 (104.78)
4.285 (108.84)
4.125 (104.78)
35
5.180 (131.57)
4.920 (124.97)
4.500 (114.30)
4.660 (118.36)
4.500 (114.30)
36
5.305 (134.75)
5.045 (128.14)
4.625 (117.48)
4.785 (121.54)
4.625 (117.48)
40
5.805 (147.45)
5.545 (140.84)
5.125 (130.18)
5.285 (134.24)
5.125 (130.18)
43
6.180 (156.97)
5.920 (150.37)
5.500 (139.70)
5.660 (143.76)
5.500 (139.70)
44
6.305 (160.15)
6.045 (153.54)
5.625 (142.88)
5.785 (146.94)
5.625 (142.88)
49
6.930 (176.02)
6.670 (169.42)
6.250 (158.75)
6.410 (162.81)
6.250 (158.75)
50
7.055 (179.20)
6.795 (172.59)
6.375 (161.92)
6.535 (165.99)
6.375 (161.92)
0.125
(3.17)
Typ.
A
B
C
J
J
0.060
(1.52)
R Typ.
0.365
(9.27)
0.250
(6.35)
0.300 (7.62)
Depth of
Insertion
0.054 - 0.071 (1.37 - 1.80)
Card Thickness
Section J - J
0.125 (3.17)
Point of
Contact
0.260
(6.60)
0.340
(8.64)
Typ.
0.060
(1.52)
Typ.
E
D
0.250
(6.35)
Typ.
0.430
(10.92)
Typ.
0.610 (15.49)
Typ.
0.180
(4.57)
Typ.
0.060
(1.52)
Typ.
0.031
(0.787)
0.150 (3.81)
0.096 ± 0.002
(2.44 ± 0.050)
0.295
(7.49)


Similar Part No. - EB61K12SGX15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB61K12 VISHAY-EB61K12 Datasheet
148Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com