Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB613R10SGX15 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EB613R10SGX15
Description  Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB613R10SGX15 Datasheet(HTML) 3 Page - Vishay Siliconix

  EB613R10SGX15 Datasheet HTML 1Page - Vishay Siliconix EB613R10SGX15 Datasheet HTML 2Page - Vishay Siliconix EB613R10SGX15 Datasheet HTML 3Page - Vishay Siliconix EB613R10SGX15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 36002
For technical questions, contact: connectors@vishay.com
www.vishay.com
Revision: 16-Feb-09
7
EB6
Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C,
Standard and Right Angle Terminals
Vishay Dale
PHYSICAL SPECIFICATIONS
Contact Type: Bifurcated cantilever beam
Number of Contacts: 6, 10, 12, 14, 15, 18, 22, 24, 25, 28,
30, 31, 32, 35, 36, 40, 43, 44, 49, and 50 per side
Contact Terminal Variation: Standard terminals
Type “C” - dip solder, 0.025" (0.635 mm) square terminals,
0.175" (4.44 mm) nominal terminal length below standoffs
Type “D” - dip solder, 0.025" (0.635 mm) square terminals,
0.115" (2.92 mm) nominal terminal length below standoffs
Type “K” - Wire
Wrap™,
0.025"
(0.635
mm)
square
terminals, 0.570" (14.48 mm) nominal terminal length below
standoffs
Contact Terminal Variation: Right angle terminals
Type “1R” - dip solder, 0.025" (0.635 mm) square terminals,
0.120" (3.05 mm) nominal terminal length x 0.150" (3.81 mm)
nominal terminal row spacing
Type “2R” - dip solder, 0.025" (0.635 mm) square terminals,
0.120" (3.05 mm) nominal terminal length x 0.200" (5.08 mm)
nominal terminal row spacing
Type “3R” - dip solder, 0.025" (0.635 mm) square terminals,
0.180" (4.57 mm) nominal terminal length x 0.150" (3.81 mm)
nominal terminal row spacing
Type “4R” - dip solder, 0.025" (0.635 mm) square terminals,
0.180" (4.57 mm) nominal terminal length x 0.200" (5.08 mm)
nominal terminal row spacing
Contact Spacing: 0.125" (3.17 mm) center to center
Contact Terminal Row Spacing: Standard - 0.250"
5.08 mm) nominal. Right angle - 0.200" (5.08 mm) nominal
and 0.150" (3.81 mm) nominal
Card Thickness: 0.054" to 0.071" (1.37 mm to 1.80 mm)
Card Slot Depth: 0.300" (7.62 mm)
Connector Polarization: Between contact polarization
key(s) are located to the right of the contact position(s)
designated
Note
High temperature burn-in, edgeboard connectors, with 0.125"
(3.17 mm) center to center are on www.vishay.com/doc?36006
MOUNTING VARIATIONS in inches (millimeters)
TERMINAL VARIATIONS in inches (millimeters)
TYPE
A
B
1R
0.150
(3.81)
0.120 ± 0.030
(3.05 ± 0.762)
2R
0.200
(5.08)
0.120 ± 0.030
(3.05 ± 0.762)
3R
0.150
(3.81)
0.180 ± 0.030
(4.57 ± 0.762)
4R
0.200
(5.08)
0.180 ± 0.030
(4.57 ± 0.762)
Type “X”
Clearance Hole
Raised Mounting Flange
0.250
(6.35)
0.060 (1.52) Ref.
0.610
(15.49) Ref.
0.430
(10.92)
0.125
(3.17)
Dia.
Type “XF”
Clearance Hole
Flush Mounting Flange
0.060 (1.52) Ref.
0.250
(6.35)
0.610
(15.49) Ref.
0.125
(3.17)
Dia.
Type “XS”
Right Angle
Mounting Flange
0.125
(3.17)
Dia.
0.060 (1.52) Ref.
0.125
(3.17)
0.430
(10.92)
0.250
(6.35)
0.610
(15.49) Ref.
Type “XFS”
Right Angle
Mounting Flange
0.060 (1.52) Ref.
0.125
(3.17)
Dia.
0.125 (3.17)
0.250 (6.35)
0.610
(15.49) Ref.
Type “W”
No Mounting Flange
0.060 (1.52) Ref.
0.610
(15.49)
Ref.
0.430
(10.92)
0.205 (5.21)
Type “YF”
Threaded Insert
Flush Mounting Flange
0.060 (1.52) Ref.
0.250
(6.35)
0.610
(15.49)
Ref.
4-40
UNC-2B
Type “Y”
Threaded Insert
Raised Mounting Flange
0.060 (1.52) Ref.
0.250
(6.35)
0.610
(15.49) Ref.
0.430
(10.92)
4-40
UNC-2B
0.570 (14.48)
0.250 (6.35)
Type “K”
Wire Wrap™, Standard
0.025 (0.635) Square Terminals
Type “C” and “D”
Solder Dip, Standard
0.025 (0.635) Square Terminals
0.250
(6.35)
“C” = 0.175 (4.44)
“D” = 0.115 (2.92)
To Fit
0.050 ± 0.002
(1.27 ± 0.051)
Dia. Eyelet
Type “1R”, “2R”, “3R” and “4R”
Right Angle
0.025 (0.635) Square Terminals
B
A
0.590
(14.99)


Similar Part No. - EB613R10SGX15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB613R10 VISHAY-EB613R10 Datasheet
148Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com