Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV2285VB Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LV2285VB
Description  FM transmitter IC with Stereo Modulation, Auto Sleep Function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV2285VB Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LV2285VB Datasheet HTML 2Page - Sanyo Semicon Device LV2285VB Datasheet HTML 3Page - Sanyo Semicon Device LV2285VB Datasheet HTML 4Page - Sanyo Semicon Device LV2285VB Datasheet HTML 5Page - Sanyo Semicon Device LV2285VB Datasheet HTML 6Page - Sanyo Semicon Device LV2285VB Datasheet HTML 7Page - Sanyo Semicon Device LV2285VB Datasheet HTML 8Page - Sanyo Semicon Device LV2285VB Datasheet HTML 9Page - Sanyo Semicon Device LV2285VB Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LV2285VB
No.A1494-6/11
Continued from preceding page.
Pin No.
Pin name
DC voltage (V)
Function
Equivalent circuit
10
VCO
2.2
Transistor BASE pin for Colpitz oscillator.
6
10
9
11
11
RF+B
2.8
LDO regulator output for RF blocks.
6
11
5
12
RF OUT
2.8
Collector output. Inductance should be
connected Between pin 11 and pin 12 for
getting resonant frequency and making pin 12
DC bias 2.8V.
6
12
13
11
450
Ω
20
Ω
13
GND
0
14
PLL+B
2.8
LDO regulator output for digital blocks.
6
14
5
15
GND
0
16
XTAL
16MHz crystal is needed for PLL reference
frequency. If external clock is injected to pin
16. Frequency should be from 1MHz to
24MHz and N(integer)
× 200kHz.
6
16
15
14
17
SCL
I
2C clock input.
6
17
15
CMOS Logic Inpit
10k
Ω
Continued on next page.


Similar Part No. - LV2285VB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV2285VB SANYO-LV2285VB Datasheet
137Kb / 11P
   FM transmitter IC with Stereo Modulation, Auto Sleep Function
More results

Similar Description - LV2285VB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV2285VB SANYO-LV2285VB Datasheet
137Kb / 11P
   FM transmitter IC with Stereo Modulation, Auto Sleep Function
LV2282VA SANYO-LV2282VA Datasheet
119Kb / 10P
   Bi-CMOS IC FM Transmitter IC with Stereo Modulation
LV2283VB SANYO-LV2283VB Datasheet
118Kb / 10P
   Bi-CMOS IC FM Transmitter IC with Stereo Modulation
logo
Texas Instruments
SN761633 TI-SN761633 Datasheet
527Kb / 27P
[Old version datasheet]   FM STEREO RADIO WITH TRANSMITTER
SN761634 TI-SN761634 Datasheet
419Kb / 20P
[Old version datasheet]   FM STEREO TRANSMITTER
SN761634 TI1-SN761634_13 Datasheet
273Kb / 20P
[Old version datasheet]   FM STEREO TRANSMITTER
logo
Beken Corporation
BK1085 BEKEN-BK1085 Datasheet
1Mb / 20P
   FM STEREO TRANSMITTER
Rev.1.1
logo
Rohm
BH1415FV-E2 ROHM-BH1415FV-E2 Datasheet
206Kb / 6P
   FM stereo transmitter IC for audio systems
BH1415FV ROHM-BH1415FV Datasheet
200Kb / 6P
   FM stereo transmitter IC for audio systems
BH1418KN ROHM-BH1418KN Datasheet
292Kb / 6P
   FM stereo transmitter IC for audio systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com