Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV2285VB Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LV2285VB
Description  FM transmitter IC with Stereo Modulation, Auto Sleep Function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV2285VB Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LV2285VB_11 Datasheet HTML 3Page - Sanyo Semicon Device LV2285VB_11 Datasheet HTML 4Page - Sanyo Semicon Device LV2285VB_11 Datasheet HTML 5Page - Sanyo Semicon Device LV2285VB_11 Datasheet HTML 6Page - Sanyo Semicon Device LV2285VB_11 Datasheet HTML 7Page - Sanyo Semicon Device LV2285VB_11 Datasheet HTML 8Page - Sanyo Semicon Device LV2285VB_11 Datasheet HTML 9Page - Sanyo Semicon Device LV2285VB_11 Datasheet HTML 10Page - Sanyo Semicon Device LV2285VB_11 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LV2285VB
PS No.A1494-11/11
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
AC Test Circuit
16
15
14
13
20
19
18
17
24
23
22
21
5
6
7
8
11
10
9
3
4
1
2
12
LV2285VB
+
+
+
Stereo DEC
LA3450
SW3
ab
VA
RF OUT
SW2
a
b
L-INPUT
+
+
a
b
SG INPUT
R-INPUT
76kHz
A
SDA
SCL
VCC
SW6
SW4
SW5
16MHz
VCEN
External CLOCK
INPUT
SW1
VCC
This catalog provides information as of May, 2011. Specifications and information herein are subject
to change without notice.


Similar Part No. - LV2285VB_11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV2285VB SANYO-LV2285VB Datasheet
137Kb / 11P
   FM transmitter IC with Stereo Modulation, Auto Sleep Function
More results

Similar Description - LV2285VB_11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV2285VB SANYO-LV2285VB Datasheet
137Kb / 11P
   FM transmitter IC with Stereo Modulation, Auto Sleep Function
LV2282VA SANYO-LV2282VA Datasheet
119Kb / 10P
   Bi-CMOS IC FM Transmitter IC with Stereo Modulation
LV2283VB SANYO-LV2283VB Datasheet
118Kb / 10P
   Bi-CMOS IC FM Transmitter IC with Stereo Modulation
logo
Texas Instruments
SN761633 TI-SN761633 Datasheet
527Kb / 27P
[Old version datasheet]   FM STEREO RADIO WITH TRANSMITTER
SN761634 TI-SN761634 Datasheet
419Kb / 20P
[Old version datasheet]   FM STEREO TRANSMITTER
SN761634 TI1-SN761634_13 Datasheet
273Kb / 20P
[Old version datasheet]   FM STEREO TRANSMITTER
logo
Beken Corporation
BK1085 BEKEN-BK1085 Datasheet
1Mb / 20P
   FM STEREO TRANSMITTER
Rev.1.1
logo
Rohm
BH1415FV-E2 ROHM-BH1415FV-E2 Datasheet
206Kb / 6P
   FM stereo transmitter IC for audio systems
BH1415FV ROHM-BH1415FV Datasheet
200Kb / 6P
   FM stereo transmitter IC for audio systems
BH1418KN ROHM-BH1418KN Datasheet
292Kb / 6P
   FM stereo transmitter IC for audio systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com