Part Name
         Description
LV1115

 Surround Processor ICs for Electronic Volume Control ( 15 Page)


SANYO
100% 
Zoom Out Zoom In
 
 14 page
background image
LV1115/1115M
No.8263-14/15
AVL Function Characteristics
[Vcc=9.0V, fin=1kHz, Slope.level = 1]
0
100
200
300
400
500
600
700
800
0
400
800
1200
1600
2000
Vin (mVrms)
Det.100
Det.200
Det.300
Det.400
Det.500
Det.600
Det.700
AVL Function Characteristics
[Vcc=9.0V, fin=1kHz, Slope.level = 6]
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0
400
800
1200
1600
2000
Vin (mVrms)
Det.100
Det.200
Det.300
Det.400
Det.500
Det.600
Det.700
Vin - THD Characteristics
(Vcc=9.0V, fin=1kHz, [VR / Bass / Treble setting=0dB])
0.001
0.01
0.1
1
-40 -35 -30 -25 -20 -15 -10 -5 0
5
Vin (dBV)
Total
Matrix
Mono
Pseudo
Pseudo Surround
Vcc - THD Characteristics
(fin=1kHz, Vin=-10dBV, [VR / Bass / Treble setting=0dB])
0.001
0.01
0.1
1
10
8
8.5
9
9.5
10
10.5
Vcc (V)
Total
Matrix
Mono
Pseudo
Pseudo Surround
fin - THD Characteristics
(Vcc=9.0V, Vin=-10dBV, [VR / Bass / Treble setting=0dB])
0.001
0.01
0.1
1
10
100
1000
10000
fin (Hz)
Total
Matrix
Mono
Pseudo
Pseudo Surround
AVL Function THD Characteristics
[Vcc=9.0V, fin=1kHz, Slope.level = 1]
0.01
0.1
1
10
0
400
800
1200
1600
2000
Vin (mVrms)
Det.100
Det.200
Det.300
Det.400
Det.500
Det.600
Det.700
AVL Function THD Characteristics
[Vcc=9.0V, fin=1kHz, Slope.level = 6]
0.01
0.1
1
10
0
400
800
1200
1600
2000
Vin (mVrms)
Det.100
Det.200
Det.300
Det.400
Det.500
Det.600
Det.700
Vcc - Vomax Characteristics
(fin=1kHz, [VR / Bass / Treble setting=0dB / Surround mode=A])
1.5
2.0
2.5
3.0
8
8.5
9
9.5
10
10.5
fin (Hz)
Total
Matrix
Mono
Pseudo
Pseudo Surround



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl