Electronic Components Datasheet Search |
|
EB45D6SGX15 Datasheet(PDF) 3 Page - Vishay Siliconix |
|
EB45D6SGX15 Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 4 page www.vishay.com For technical questions, contact: connectors@vishay.com Document Number: 36001 4 Revision: 16-Feb-09 EB4 Vishay Dale Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals PHYSICAL SPECIFICATIONS Contact Type: Bifurcated cantilever beam Number of Contacts: 10, 12, 15, 18, 20, 22, 25, 28, 30, 31, 35, 36, 40, 43, 44, 48, 49, 50, 60 and 65 per side Contact Terminal Variation: Standard terminals Type “C” - dip solder, 0.025" (0.635 mm) square terminals, 0.175" (4.44 mm) nominal terminal length below standoffs Type “D” - dip solder, 0.025" (0.635 mm) square terminals, 0.115" (2.92 mm) nominal terminal length below standoffs Type “K” - Wire Wrap™, 0.025" (0.635 mm) square terminals, 0.570" (14.48 mm) nominal terminal length below standoffs Contact Terminal Variation: Right angle terminals Type “1R” - dip solder, 0.025" (0.635 mm) square terminals, 0.120" (3.05 mm) nominal terminal length x 0.150" (3.81 mm) nominal terminal row spacing Type “2R” - dip solder, 0.025" (0.635 mm) square terminals, 0.120" (3.05 mm) nominal terminal length x 0.200" (5.08 mm) nominal terminal row spacing Type “3R” - dip solder, 0.025" (0.635 mm) square terminals, 0.180" (4.57 mm) nominal terminal length x 0.150" (3.81 mm) nominal terminal row spacing Type “4R” - dip solder, 0.025" (0.635 mm) square terminals, 0.180" (4.57 mm) nominal terminal length x 0.200" (5.08 mm) nominal terminal row spacing Contact Spacing: 0.100" (2.54 mm) center to center Contact Terminal Row Spacing: Standard - 0.200" (5.08 mm) nominal. Right angle - 0.200" (5.08 mm) nominal and 0.150" (3.81 mm) nominal Card Thickness: 0.054" to 0.071" (1.37 mm to 1.80 mm) Card Slot Depth: 0.300" (7.62 mm) Connector Polarization: Between contact polarization key(s) are located to the right of the contact position(s) designated Note • High temperature burn-in, edgeboard connectors, with 0.100" (2.54 mm) center to center are on www.vishay.com/doc?36006 MOUNTING VARIATIONS in inches (millimeters) TERMINAL VARIATIONS in inches (millimeters) TYPE A B 1R 0.150 (3.81) 0.120 ± 0.030 (3.05 ± 0.762) 2R 0.200 (5.08) 0.120 ± 0.030 (3.05 ± 0.762) 3R 0.150 (3.81) 0.180 ± 0.030 (4.57 ± 0.762) 4R 0.200 (5.08) 0.180 ± 0.030 (4.57 ± 0.762) Type “X” Clearance Hole Raised Mounting Flange 0.060 (1.52) Ref. 0.250 (6.35) 0.610 (15.49) Ref. 0.430 (10.92) 0.125 (3.17) Dia. Type “XF” Clearance Hole Flush Mounting Flange 0.060 (1.52) Ref. 0.250 (6.35) 0.610 (15.49) Ref. 0.125 (3.17) Dia. Type “XS” Right Angle Mounting Flange 0.060 (1.52) Ref. 0.610 (15.49) Ref. 0.250 (6.35) 0.125 (3.17) 0.125 (3.17) Dia. 0.430 (10.92) Type “XFS” Right Angle Mounting Flange 0.060 (1.52) Ref. 0.125 (3.17) 0.125 (3.17) Dia. 0.250 (6.35) 0.610 (15.49) Ref. Type “W” No Mounting Flange 0.060 (1.52) Ref. 0.610 (15.49) Ref. 0.430 (10.92) 0.180 (4.57) Type “YF” Threaded Insert Flush Mounting Flange 0.060 (1.52) Ref. 0.250 (6.35) 0.610 (15.49) Ref. 4-40 UNC-2B Type “Y” Threaded Insert Raised Mounting Flange 0.060 (1.52) Ref. 0.250 (6.35) 0.610 (15.49) Ref. 0.430 (10.92) 4-40 UNC-2B 0.570 (14.48) 0.200 (5.08) Type “K” Wire Wrap™, Standard 0.025 (0.635) Square Terminals Type “C” and “D” Solder Dip, Standard 0.025 (0.635) Square Terminals 0.200 (5.08) “C” = 0.175 (4.44) “D”= 0.115 (2.92) To Fit 0.050 ± 0.002 (1.27 ± 0.051) Dia. Eyelet Type “1R”, “2R”, “3R” and “4R” Right Angle 0.025 (0.635) Square Terminals B A 0.590 (14.99) |
Similar Part No. - EB45D6SGX15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |