Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE25CB1282M Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LE25CB1282M
Description  Serial SPI EEPROM (SPI Bus)(128Kbit)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25CB1282M Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LE25CB1282M Datasheet HTML 2Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 3Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 4Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 5Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 6Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 7Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 8Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 9Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LE25CB1282M
No.NA1503-6/13
Figure 3 Serial Output Timing
(SPI Mode 0)
CS
SCK
SO
SI
tCLZ
tHO
tCHZ
DATA VALID
tV
(SPI Mode 3)
CS
SCK
SO
SI
tCLZ
tHO
tCHZ
DATA VALID
tV


Similar Part No. - LE25CB1282M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
More results

Similar Description - LE25CB1282M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
   Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LA322 SANYO-LE25LA322 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25LB2562M SANYO-LE25LB2562M_10 Datasheet
254Kb / 14P
   256Kbit Serial SPI EEPROM (SPI Bus)
LE25CA322 SANYO-LE25CA322 Datasheet
223Kb / 14P
   Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25CB5122M SANYO-LE25CB5122M Datasheet
256Kb / 13P
   Serial SPI EEPROM (SPI Bus)(512Kbit)
logo
STMicroelectronics
M95128 STMICROELECTRONICS-M95128 Datasheet
580Kb / 39P
   256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
October 2004
logo
Microchip Technology
25AA256 MICROCHIP-25AA256_07 Datasheet
598Kb / 26P
   256K SPI Bus Serial EEPROM
2007
25LC640-ISN MICROCHIP-25LC640-ISN Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com