Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE25CA322 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LE25CA322
Description  Serial SPI EEPROM (SPI Bus) (32Kbit)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25CA322 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LE25CA322 Datasheet HTML 5Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 6Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 7Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 8Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 9Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 10Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 11Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 12Page - Sanyo Semicon Device LE25CA322 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LE25CA322
No.NA1678-9/14
2. Status Registers
The status registers read the operating and setting statuses inside the device from outside (status register read) and set
the protect information (status register write). There are 8 bits in total, and “Table 2 Status Registers” gives the
significance of each bit.
Table 2 Status Registers
Bit
Name
Logic
Function
Power-on time
Information
0
Ready
Bit0
RDY
1
Busy (in write operation)
0
0
Write disabled
Bit1
WEN
1
Write enabled
0
0
Bit2
BP0
1
Nonvolatile
information
0
Bit3
BP1
1
Block protect information
See status register description on BP0 and BP1
Nonvolatile
information
Bit4
×
0
Reserved bit
0
Bit5
×
0
Reserved bit
0
Bit6
×
0
Reserved bit
0
0
Status register write enabled
Bit7
SRWP
1
Status register write disabled
Nonvolatile
information
2-1. Status Register Read (RDSR)
The contents of the status registers can be read using the status register read command. This command can be executed
even during write operation.
“Figure 5 Status Register READ” shows the timing waveforms of status register read. Consisting only of the first bus
cycle, the status register command outputs the contents of the status registers synchronized to the falling edge of the
clock (SCK) with which the eighth bit of (05h) has been input. In terms of the output sequence, SRWP (bit7) is the first
to be output, and each time one clock is input, all the other bits up to RDY (bit0) are output in sequence, synchronized
to the falling clock edge. If the clock input is continued after RDY (bit0) has been output, the data is output by returning
to the bit (SRWP) that was first output, after which the output is repeated as long as the clock input is continued. The
data can be read by the status register read command at any time.
Figure 5 Status Register Read
CS
SCK
SI
SO
0
Mode3
8CLK
Hight Impedance
Status Register Out
7 6
5 4 3
2107
05h
Mode0
12345
6 78
9 10 11 12 13 14 15
(00000101)


Similar Part No. - LE25CA322

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LE25C STMICROELECTRONICS-LE25C Datasheet
207Kb / 27P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
LE25CB1282M SANYO-LE25CB1282M Datasheet
297Kb / 13P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25CB5122M SANYO-LE25CB5122M Datasheet
256Kb / 13P
   Serial SPI EEPROM (SPI Bus)(512Kbit)
logo
ON Semiconductor
LE25CB643TT-BH ONSEMI-LE25CB643TT-BH Datasheet
184Kb / 17P
   64 kb SPI CMOS Serial EEPROM
December, 2013
More results

Similar Description - LE25CA322

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25LA322 SANYO-LE25LA322 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
   Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LB2562M SANYO-LE25LB2562M_10 Datasheet
254Kb / 14P
   256Kbit Serial SPI EEPROM (SPI Bus)
LE25CB1282M SANYO-LE25CB1282M Datasheet
297Kb / 13P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
logo
Rohm
BR25L320-W ROHM-BR25L320-W Datasheet
285Kb / 6P
   SPI BUS 32Kbit (4,096 x 8bit) EEPROM
logo
Sanyo Semicon Device
LE25CB5122M SANYO-LE25CB5122M Datasheet
256Kb / 13P
   Serial SPI EEPROM (SPI Bus)(512Kbit)
logo
STMicroelectronics
M95640 STMICROELECTRONICS-M95640 Datasheet
590Kb / 39P
   64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
November 2003
logo
Microchip Technology
25AA256 MICROCHIP-25AA256_07 Datasheet
598Kb / 26P
   256K SPI Bus Serial EEPROM
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com