Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE24LB1283 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LE24LB1283
Description  Two Wire Serial Interface EEPROM (128k EEPROM)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24LB1283 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LE24LB1283 Datasheet HTML 3Page - Sanyo Semicon Device LE24LB1283 Datasheet HTML 4Page - Sanyo Semicon Device LE24LB1283 Datasheet HTML 5Page - Sanyo Semicon Device LE24LB1283 Datasheet HTML 6Page - Sanyo Semicon Device LE24LB1283 Datasheet HTML 7Page - Sanyo Semicon Device LE24LB1283 Datasheet HTML 8Page - Sanyo Semicon Device LE24LB1283 Datasheet HTML 9Page - Sanyo Semicon Device LE24LB1283 Datasheet HTML 10Page - Sanyo Semicon Device LE24LB1283 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LE24LB1283
No.A1706-7/14
4 Acknowledge
During data transfer, 8-bits are transferred in succession, and then in the ninth clock cycle period the device on the
system bus receiving the data sets the SDA line to low, and sends the acknowledge signal indicating that the data has
been received. The acknowledge signal is not sent during an EEPROM internal write operation.
5 Device addressing
For the purposes of communication, the master device in the system generates the start condition for the slave device
(EEPROM). Communication with a particular slave device is enabled by sending along the SDA bus the device
address, which is 7-bits long, and the read/write command code, which is 1 bit long, immediately following the start
condition.
The upper four bits of the device address are called the device code which, for this product, is fixed as “1010.” Two
or more pieces cannot be connected about this IC because there is no slave address.
This product can connect EEPROM devices up to eight on the system bus by having slave address S0, S1, and S2 in
three bits following the device code, and setting the slave address with S0 pin, S1 pin and S2 pin when the substrate is
mounted.
Device code + slave address input from SDA and the slave address set when this product device code + slave address
for mounted are compared, this product returns the acknowledge for the period of the ninth clock cycle when agreeing,
and the Read or the Write operates according to Read/Write instruction code. It becomes a standby mode if not
agreeing. When reading is executed immediately after the slave device was switched, the random lead command is
used.
1
0
1
0
S2
S1
S0
R/W
LE24LB1283
Device Code
Slave
Address
MSB
LSB
Device address word
SCL
tAA
SDA
tDH
SDA
1
8
9
Start
condition
(EEPROM input)
(Master output)
(EEPROM output)
Acknowlwdge
bit output


Similar Part No. - LE24LB1283

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24LB642CS SANYO-LE24LB642CS Datasheet
224Kb / 11P
   Two Wire Serial Interface EEPROM
LE24LB642CS SANYO-LE24LB642CS Datasheet
224Kb / 11P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24LB642CS SANYO-LE24LB642CS_12 Datasheet
224Kb / 11P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24LB642M SANYO-LE24LB642M Datasheet
106Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM (64k EEPROM)
LE24LB642M SANYO-LE24LB642M Datasheet
129Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
More results

Similar Description - LE24LB1283

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24CB1283 SANYO-LE24CB1283 Datasheet
188Kb / 12P
   Two Wire Serial Interface EEPROM (128K EEPROM)
logo
Renesas Technology Corp
R1EX24128BSAS0G RENESAS-R1EX24128BSAS0G Datasheet
503Kb / 18P
   Two-wire serial interface 128k EEPROM
R1EX24128BSAS0I RENESAS-R1EX24128BSAS0I_13 Datasheet
508Kb / 18P
   Two-wire serial interface 128k EEPROM
logo
Sanyo Semicon Device
LE24512AQF SANYO-LE24512AQF Datasheet
952Kb / 14P
   Two Wire Serial Interface EEPROM (512k EEPROM)
LE24C042M SANYO-LE24C042M Datasheet
123Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
LE24L043CB SANYO-LE24L043CB Datasheet
182Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
   Two Wire Serial Interface EEPROM (16k EEPROM)
logo
E-CMOS Corporation
EC24C128B E-CMOS-EC24C128B Datasheet
579Kb / 17P
   128K bits Two-wire Serial EEPROM
logo
Sanyo Semicon Device
LE24C082M SANYO-LE24C082M Datasheet
127Kb / 11P
   Two Wire Serial Interface EEPROM (8k EEPROM)
LE24LB642M SANYO-LE24LB642M_10 Datasheet
129Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com