Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9414DQ-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG9414DQ-T1-E3
Description  Single 4 x 1 and Dual 2 x 1 Multiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9414DQ-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG9414DQ-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG9414DQ-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG9414DQ-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG9414DQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG9414DQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG9414DQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG9414DQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG9414DQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG9414DQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
DG9414, DG9415
Document Number: 71766
S11-0984-Rev. G, 23-May-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Single 4 x 1 and Dual 2 x 1 Multiplexers
FEATURES
Low voltage operation (+ 2.7 V to + 12 V)
Low on-resistance - RDS(on): 14 
Low power consumption
TTL compatible
ESD protection > 2000 V (method 3015.7)
Available in TSSOP-10 (aka MSOP-10)
Compliant to RoHS Directive 2002/95/EC
BENEFITS
High accuracy
Simple logic interface
Reduce board space
APPLICATIONS
Battery operated systems
Portable test equipment
Sample and hold circuits
Cellular phones
Communication systems
Networking equipment
DESCRIPTION
The DG9414, a single 4 to 1 multiplexer, and the DG9415, a
dual 2 x 1 multiplexer, are monolithic CMOS analog devices
designed for high performance low voltage operation.
Combining low power, high speed, low on-resistance and
small physical size, the DG9414 and DG9415 are ideal for
portable and battery powered applications requiring high
performance and efficient use of board space.
Both the DG9414 and DG9415 are built on Vishay Siliconix’s
low voltage BCD-15 process. Minimum ESD protection, per
Method 3015.7, is 2000 V. An epitaxial layer prevents
latchup. Break-before-make is guaranteed for DG9415.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
X = Do not care
X = Do not care
EN
A1
A0
On Switch
1
X
X
None
00
0
NO0
00
1
NO1
01
0
NO2
01
1
NO3
NO2
V+
NO3
DG9414DQ
COM
NO1
NO0
EN
A0
1
2
3
4
10
9
8
7
GND
A1
56
Logic
EN
A0
On Switch
1
X
None
00
NC1
NC2
01
NO1
NO2
NO1
V+
COM1
DG9415DQ
COM2
NC1
NO2
EN
NC2
1
2
3
4
10
9
8
7
GND
A0
56
Logic
ORDERING INFORMATION
Temp Range
Package
Part Number
- 40 °C to 85 °C
MSOP-10
DG9414DQ-T1-E3
DG9415DQ-T1-E3


Similar Part No. - DG9414DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9414DQ-T1-E3 VISHAY-DG9414DQ-T1-E3 Datasheet
135Kb / 10P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
Rev. G, 14-May-07
DG9414DQ-T1-E3 VISHAY-DG9414DQ-T1-E3 Datasheet
165Kb / 11P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
01-Jan-2022
More results

Similar Description - DG9414DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9414 VISHAY-DG9414_08 Datasheet
135Kb / 10P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
Rev. G, 14-May-07
DG9414 VISHAY-DG9414 Datasheet
77Kb / 9P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
Rev. F, 17-Feb-03
DG9415 VISHAY-DG9415_V01 Datasheet
165Kb / 11P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
01-Jan-2022
logo
Recom International Pow...
REM30-W RECOM-REM30-W Datasheet
2Mb / 8P
   30 Watt 4:1 Input 2 x 1 Single and Dual Output
logo
AAEON Technology
PFM-540I-A AAEON-PFM-540I-A Datasheet
246Kb / 2P
   USB2.0 x 4, COM x 2, and Parallel x 1
logo
Recom International Pow...
RAC10-K-277 RECOM-RAC10-K-277 Datasheet
503Kb / 6P
   10 Watt 2 x 1 Single and Dual Output
RPA40-FR RECOM-RPA40-FR Datasheet
659Kb / 7P
   40 Watt 2“ x 1“ Single and Dual Output
REV.: 0/2023
RP12-AR RECOM-RP12-AR Datasheet
816Kb / 8P
   12 Watt 1 x 1 Single and Dual Output
REC8E RECOM-REC8E Datasheet
2Mb / 6P
   8 Watt 1??x 1??Single and Dual Output
REM15-W RECOM-REM15-W Datasheet
1Mb / 8P
   15 Watt 4:1 Input 1.6 x 1 Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com