Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9409 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG9409
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9409 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG9409 Datasheet HTML 5Page - Vishay Siliconix DG9409 Datasheet HTML 6Page - Vishay Siliconix DG9409 Datasheet HTML 7Page - Vishay Siliconix DG9409 Datasheet HTML 8Page - Vishay Siliconix DG9409 Datasheet HTML 9Page - Vishay Siliconix DG9409 Datasheet HTML 10Page - Vishay Siliconix DG9409 Datasheet HTML 11Page - Vishay Siliconix DG9409 Datasheet HTML 12Page - Vishay Siliconix DG9409 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Document Number: 71870
S11-1229-Rev. C, 20-Jun-11
www.vishay.com
9
Vishay Siliconix
DG9408, DG9409
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
SCHEMATIC DIAGRAM (Typical Channel)
Supply Current vs. Input Switching Frequency
Input Switching Frequency (Hz)
V+ = 5 V
V- = - 5 V
100 m
10 m
1 m
100 µ
10 µ
1 µ
100 n
10 n
1 n
10
100
1K
10K
100K
1M
10M
Figure 1.
EN
A0
S1
D
V+
Sn
V-
Decode/
Drive
Level
Shift
V-
V+
AX
V+
GND


Similar Part No. - DG9409

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9409 VISHAY-DG9409 Datasheet
121Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. A, 05-Aug-02
DG9409 VISHAY-DG9409 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
DG9409DN VISHAY-DG9409DN Datasheet
121Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. A, 05-Aug-02
DG9409DN-T1 VISHAY-DG9409DN-T1 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
DG9409DN-T1-E4 VISHAY-DG9409DN-T1-E4 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
More results

Similar Description - DG9409

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. A, 05-Aug-02
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 28-Feb-11
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 30-Apr-07
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
   Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 07-Apr-03
DG408L VISHAY-DG408L_08 Datasheet
157Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 25-Jun-07
DG3408 VISHAY-DG3408_V01 Datasheet
215Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG9408 VISHAY-DG9408_08 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
DG9051 VISHAY-DG9051 Datasheet
165Kb / 12P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com