Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9253EN-T1-E4 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # DG9253EN-T1-E4
Description  8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9253EN-T1-E4 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button DG9253EN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG9253EN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix DG9253EN-T1-E4 Datasheet HTML 9Page - Vishay Siliconix DG9253EN-T1-E4 Datasheet HTML 10Page - Vishay Siliconix DG9253EN-T1-E4 Datasheet HTML 11Page - Vishay Siliconix DG9253EN-T1-E4 Datasheet HTML 12Page - Vishay Siliconix DG9253EN-T1-E4 Datasheet HTML 13Page - Vishay Siliconix DG9253EN-T1-E4 Datasheet HTML 14Page - Vishay Siliconix DG9253EN-T1-E4 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Document Number: 67075
S11-1550-Rev. C, 01-Aug-11
www.vishay.com
11
Vishay Siliconix
DG9251, DG9252, DG9253
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Figure 2. Enable Switching Time
A
B
C
ENABLE
GND
V
CC
VEE
VEE
VCC
VO
50
Ω
300
Ω
35 pF
X
X0
X1 - X7
0 V
1.8 V
50 %
50 %
90 %
tOFF
Enable X or Y or Z
Disable X or Y or Z
VO
VENABLE
VCC
0 V
tON
90 %
DG9251
A
B
ENABLE
GND
VCC
VEE
VEE
VCC
VO
50
Ω
300
Ω
35 pF
X or Y
X0 or Y0
X1 - X3 or
Y1 - Y3
DG9252
A or B
or C
ENABLE
GND
VCC
VEE
VEE
VCC
VO
50
Ω
300
Ω
35 pF
X or Y or Z
X0 or Y0
or Z0
X1 or Y1 or Z1
DG9253
VCC
VCC
VX0 or VY0 or VZ0


Similar Part No. - DG9253EN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9253EN-T1-E4 VISHAY-DG9253EN-T1-E4 Datasheet
300Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Jan-2022
More results

Similar Description - DG9253EN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9253 VISHAY-DG9253_V01 Datasheet
300Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Jan-2022
DG9451 VISHAY-DG9451 Datasheet
182Kb / 13P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
Rev. B, 04-Oct-10
DG4051A VISHAY-DG4051A_10 Datasheet
221Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
Rev. E, 21-Jun-10
DG4051A VISHAY-DG4051A_V01 Datasheet
306Kb / 18P
   8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
08-Feb-17
DG9453 VISHAY-DG9453_V01 Datasheet
216Kb / 13P
   8-Channel, Triple 2-Channel Multiplexers
09-Jul-2021
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Vishay Siliconix
DG4051A VISHAY-DG4051A Datasheet
251Kb / 14P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers, with 0.5 pC Charge Injection
Rev. B, 21-Apr-08
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Maxim Integrated Produc...
MAX14752 MAXIM-MAX14752 Datasheet
174Kb / 15P
   8-Channel/Dual 4-Channel 72V Analog Multiplexers
Rev 2; 2/09
MAX14752 MAXIM-MAX14752_10 Datasheet
200Kb / 15P
   8-Channel/Dual 4-Channel 72V Analog Multiplexers
Rev 3; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com