Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9251 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG9251
Description  8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9251 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG9251 Datasheet HTML 5Page - Vishay Siliconix DG9251 Datasheet HTML 6Page - Vishay Siliconix DG9251 Datasheet HTML 7Page - Vishay Siliconix DG9251 Datasheet HTML 8Page - Vishay Siliconix DG9251 Datasheet HTML 9Page - Vishay Siliconix DG9251 Datasheet HTML 10Page - Vishay Siliconix DG9251 Datasheet HTML 11Page - Vishay Siliconix DG9251 Datasheet HTML 12Page - Vishay Siliconix DG9251 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Document Number: 67075
S11-1550-Rev. C, 01-Aug-11
www.vishay.com
9
Vishay Siliconix
DG9251, DG9252, DG9253
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS
Switching Time vs. Temperature
Temperature (°C)
20
60
100
140
180
220
260
300
340
380
- 40
- 20
0
20
40
60
80
100
120
140
V
CC = 5 V, VEE = 0 V, tON
V
CC = 5 V, VEE = - 5 V, tON
V
CC = 16 V, VEE = 0 V, tOFF
V
CC = 5 V,
V
EE = - 5 V, tOFF
V
CC = 5 V,
V
EE = 0 V, tOFF
V
CC = 16 V,
V
EE = 0 V, tON
Switching Threshold vs. Supply Voltage
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
2
4
6
8
10
12
14
16
18
V
CC - Supply Voltage (V)
V
IH
V
IL
- 40 °C to + 125 °C
Supply Current vs. Input Switching Frequency
0.0001
10
100
1K
100K
10K
1M
10M
0.001
0.01
1
100
10 000
0.1
10
1000
Input Switching Frequency (Hz)
V
CC = + 5 V
V
EE = - 5 V
I
EE
I
CC
I
GND


Similar Part No. - DG9251

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9251 VISHAY-DG9251 Datasheet
300Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Jan-2022
DG9251EN-T1-E4 VISHAY-DG9251EN-T1-E4 Datasheet
300Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Jan-2022
More results

Similar Description - DG9251

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9253 VISHAY-DG9253_V01 Datasheet
300Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Jan-2022
DG9451 VISHAY-DG9451 Datasheet
182Kb / 13P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
Rev. B, 04-Oct-10
DG4051A VISHAY-DG4051A_10 Datasheet
221Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
Rev. E, 21-Jun-10
DG4051A VISHAY-DG4051A_V01 Datasheet
306Kb / 18P
   8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
08-Feb-17
DG9453 VISHAY-DG9453_V01 Datasheet
216Kb / 13P
   8-Channel, Triple 2-Channel Multiplexers
09-Jul-2021
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Vishay Siliconix
DG4051A VISHAY-DG4051A Datasheet
251Kb / 14P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers, with 0.5 pC Charge Injection
Rev. B, 21-Apr-08
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Maxim Integrated Produc...
MAX14752 MAXIM-MAX14752 Datasheet
174Kb / 15P
   8-Channel/Dual 4-Channel 72V Analog Multiplexers
Rev 2; 2/09
MAX14752 MAXIM-MAX14752_10 Datasheet
200Kb / 15P
   8-Channel/Dual 4-Channel 72V Analog Multiplexers
Rev 3; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com