Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE24C162M Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LE24C162M
Description  Two Wire Serial Interface EEPROM (16k EEPROM)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24C162M Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LE24C162M Datasheet HTML 1Page - Sanyo Semicon Device LE24C162M Datasheet HTML 2Page - Sanyo Semicon Device LE24C162M Datasheet HTML 3Page - Sanyo Semicon Device LE24C162M Datasheet HTML 4Page - Sanyo Semicon Device LE24C162M Datasheet HTML 5Page - Sanyo Semicon Device LE24C162M Datasheet HTML 6Page - Sanyo Semicon Device LE24C162M Datasheet HTML 7Page - Sanyo Semicon Device LE24C162M Datasheet HTML 8Page - Sanyo Semicon Device LE24C162M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LE24C162M
No.0683-4/11
VDD=2.7V to 5.5V
Parameter
Symbol
min
typ
max
unit
Slave mode SCL clock frequency
fSCLS
0
400
kHz
SCL clock low time
tLOW
1200
ns
SCL clock high time
tHIGH
600
ns
SDA output delay time
tAA
100
900
ns
SDA data output hold time
tDH
50
ns
Start condition setup time
tSU.STA
600
ns
Start condition hold time
tHD.STA
600
ns
Data in setup time
tSU.DAT
100
ns
Data in hold time
tHD.DAT
0
ns
Stop condition setup time
tSU.STO
600
ns
SCL SDA rise time
tR
300
ns
SCL SDA fall time
tF
300
ns
Bus release time
tBUF
1200
ns
Noise suppression time
tSP
100
ns
Write cycle time
tWC
10
ms
Bus Timing
Write Timing
tBUF
tSU.STO
tR
SCL
SDA/IN
SDA/OUT
tSU.STA
tHD.DAT
tHIGH
tLOW
tSU.DAT
tDH
tAA
tF
tHD.STA
tSP
tSP
tWC
SCL
SDA
D0
Write Data
Acknowledge
Stop
condition
Start
condition


Similar Part No. - LE24C162M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24C0221M SANYO-LE24C0221M Datasheet
101Kb / 11P
   CMOS IC Two Wire Serial Interface EEPROM (2k EEPROM)
LE24C0221M SANYO-LE24C0221M Datasheet
123Kb / 11P
   Two Wire Serial Interface EEPROM (2k EEPROM)
LE24C0221M SANYO-LE24C0221M_10 Datasheet
123Kb / 11P
   Two Wire Serial Interface EEPROM (2k EEPROM)
LE24C023M SANYO-LE24C023M Datasheet
168Kb / 11P
   Two Wire Serial Interface EEPROM
LE24C023M SANYO-LE24C023M Datasheet
129Kb / 11P
   Two Wire Serial Interface EEPROM (2k EEPROM)
More results

Similar Description - LE24C162M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24162LBXA SANYO-LE24162LBXA Datasheet
811Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE2416RLBXA SANYO-LE2416RLBXA Datasheet
872Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Renesas Technology Corp
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM
R1EX24016ASAS0I RENESAS-R1EX24016ASAS0I_12 Datasheet
154Kb / 19P
   Two-wire serial interface 16k EEPROM
logo
Sanyo Semicon Device
LE24L162 SANYO-LE24L162 Datasheet
194Kb / 11P
   CMOS IC Two Wire Serial Interface EEPROM (16k EEPROM)
LE24512AQF SANYO-LE24512AQF Datasheet
952Kb / 14P
   Two Wire Serial Interface EEPROM (512k EEPROM)
LE24C042M SANYO-LE24C042M Datasheet
123Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
LE24CB1283 SANYO-LE24CB1283 Datasheet
188Kb / 12P
   Two Wire Serial Interface EEPROM (128K EEPROM)
LE24L043CB SANYO-LE24L043CB Datasheet
182Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com