Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC8784M4PB Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC8784M4PB
Description  8-bit ETR Microcontroller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8784M4PB Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC8784M4PB Datasheet HTML 4Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 5Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 6Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 7Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 8Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 9Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 10Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 11Page - Sanyo Semicon Device LC8784M4PB Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
LC878496PB/C8PB/G0PB/G1PB/J2PB/J3PB/M4PB/P6PB/P7PB
No.A1795-8/29
Recommended operating range
at Ta = -40
°C to +85°C, VSS1 = VSS2 = VSS3 = VSS4 = 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
Operating
supply voltage
VDD(1)
VDD1=VDD2=VDD3
=VDD4
CPU operation
3.0
5.5
Memory sustaining
supply voltage
VHD
VDD1=VDD2=VDD3
=VDD4
RAM and register contents
in HOLD mode.
1.0
5.5
VIH(1)
Ports 1, 2
SI2P0 to 3
P71 to P73
P70 port input/
interrupt side
3.0 to 5.5
0.35VDD
+0.7
VDD
VIH(2)
Ports 0, 3, 8
Ports B, C, E, F
PWM0, PWM1
3.0 to 5.5
0.3VDD
+0.7
VDD
VIH(3)
Port70 Watchdog timer
side
3.0 to 5.5
0.9VDD
VDD
High level input
voltage
VIH(4)
XT1, XT2, RES
When XT1 and XT2
general purpose input
3.0 to 5.5
0.75VDD
VDD
VIL(1)
4.0 to 5.5
VSS
0.1VDD
+0.4
VIL(2)
Ports 1, 2
SI2P0 to 3
P71 to P73
P70 port input/
interrupt side
3.0 to 4.0
VSS
0.2VDD
VIL(3)
4.0 to 5.5
VSS
0.15VDD
+0.4
VIL(4)
Ports 0, 3, 8
Ports B, C, E, F
PWM0, PWM1
3.0 to 4.0
VSS
0.2VDD
VIL(5)
Port70 Watchdog timer
side
3.0 to 5.5
VSS
0.8VDD
-1.0
Low level input
voltage
VIL(6)
XT1, XT2, RES
When XT1 and XT2
general purpose input
3.0 to 5.5
VSS
0.25VDD
V
Instruction cycle
time (Note 2-1)
tCYC
3.0 to 5.5
0.222
μs
FmCF
CF1, CF2
CF oscillation.
3.0 to 5.5
4
13.5
FmRC
Internal RC oscillation
3.0 to 5.5
0.3
1.0
2.0
FmMRC
Frequency variable RC
oscillation source
oscillation
3.0 to 5.5
16
MHz
Oscillation
frequency range
FsX’tal
XT1, XT2
32.768kHz crystal
oscillation.
3.0 to 5.5
32.768
kHz
Note 2-1: Relationship between tCYC and oscillation frequency is 3/FmCF at a division ratio of 1/1 and 6/FmCF at
a division ratio of 1/2.


Similar Part No. - LC8784M4PB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC871H92A SANYO-LC871H92A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871H96A SANYO-LC871H96A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC4A SANYO-LC871HC4A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC8A SANYO-LC871HC8A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC872G04A SANYO-LC872G04A Datasheet
174Kb / 27P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC8784M4PB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC88F40H0PA SANYO-LC88F40H0PA Datasheet
249Kb / 32P
   For Car Audio Systems 16-bit ETR Microcontroller
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com