Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC878496PB Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC878496PB
Description  8-bit ETR Microcontroller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC878496PB Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC878496PB Datasheet HTML 1Page - Sanyo Semicon Device LC878496PB Datasheet HTML 2Page - Sanyo Semicon Device LC878496PB Datasheet HTML 3Page - Sanyo Semicon Device LC878496PB Datasheet HTML 4Page - Sanyo Semicon Device LC878496PB Datasheet HTML 5Page - Sanyo Semicon Device LC878496PB Datasheet HTML 6Page - Sanyo Semicon Device LC878496PB Datasheet HTML 7Page - Sanyo Semicon Device LC878496PB Datasheet HTML 8Page - Sanyo Semicon Device LC878496PB Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LC878496PB/C8PB/G0PB/G1PB/J2PB/J3PB/M4PB/P6PB/P7PB
No.A1795-2/29
ROM for each model/Table RAM capacity
Type No.
ROM (byte)
RAM (byte)
LC878496PB
96K
6K
LC8784C8PB
128K
6K
LC8784G0PB
160K
6K
LC8784G1PB
160K
8K
LC8784J2PB
192K
8K
LC8784J3PB
192K
10K
LC8784M4PB
224K
10K
LC8784P6PB
256K
10K
LC8784P7PB
256K
12K
Features
Minimum Bus Cycle Time
• 74.04ns (CF = 13.5MHz)
Note: Bus cycle time indicates the speed to read ROM.
Minimum Instruction Cycle Time (tCYC)
• 222ns (CF = 13.5MHz)
Note: The minimum instruction cycle time: Minimum bus cycle time
× 3
Ports
• Normal withstand voltage I/O ports
Ports whose I/O direction can be designated in 1 bit units: 57 (P1n, P2n, P30 to P35, P70 to P73, P8n, PBn, PCn,
SI2Pm, PWM0, PWM1, XT2, n=0 to 7, m=0 to 3)
Ports whose I/O direction can be designated in 2 bit units: 16 (PEn, PFn n=0 to 7)
Ports whose I/O direction can be designated in 4 bit units: 8 (P0n n=0 to 7)
• Normal withstand voltage input ports:
1 (XT1)
• Internal low voltage output ports:
1 (VREG)
• Dedicated oscillator ports:
2 (CF1, CF2)
• Reset pin:
1 (RES)
• Digital power pins:
6 (VSSn, VDDn n=1, 2, 4)
Timers
• Timer 0: 16-bit programmable timer/counter with capture register
Mode 0: 8-bit programmable timer with an 8-bit programmable prescaler (with two 8-bit capture registers)
× 2 channels
Mode 1: 8-bit programmable timer with an 8-bit programmable prescaler (with two 8-bit capture registers)
+ 8-bit programmable counter (with two 8-bit capture registers)
Mode 2: 16-bit programmable timer with an 8-bit programmable prescaler
(with two 16-bit capture registers)
Mode 3: 16-bit programmable counter (with 2 16-bit capture registers)
• Timer 1: 16-bit programmable timer/counter that support PWM/ toggle output
Mode 0: 8-bit programmable timer with an 8-bit prescaler (with toggle outputs)
+ 8-bit programmable timer/counter (with toggle outputs)
Mode 1: 8-bit PWM with an 8-bit prescaler
× 2 channels
Mode 2: 16-bit programmable timer/counter with an 8-bit prescaler (with toggle outputs)
(toggle outputs also from the lower-order 8 bits)
Mode 3: 16-bit programmable timer with an 8-bit prescaler (with toggle outputs)
(The lower-order 8 bits can be used as PWM.)
• Timer 4: 8-bit programmable timer with a 6-bit prescaler
• Timer 5: 8-bit programmable timer with a 6-bit prescaler
• Timer 6: 8-bit programmable timer with a 6-bit prescaler (with toggle outputs)
• Timer 7: 8-bit programmable timer with a 6-bit prescaler (with toggle outputs)
• Base timer
1) The clock is selectable from the subclock (32.768kHz crystal oscillator), cycle clock (tCYC), and timer 0
prescaler output.
2) Interrupts programmable in 5 different time schemes.


Similar Part No. - LC878496PB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC871H92A SANYO-LC871H92A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871H96A SANYO-LC871H96A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC4A SANYO-LC871HC4A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC871HC8A SANYO-LC871HC8A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC872G04A SANYO-LC872G04A Datasheet
174Kb / 27P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC878496PB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC88F40H0PA SANYO-LC88F40H0PA Datasheet
249Kb / 32P
   For Car Audio Systems 16-bit ETR Microcontroller
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com