Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG4051AEN-T1-E4 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG4051AEN-T1-E4
Description  8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG4051AEN-T1-E4 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG4051AEN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG4051AEN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG4051AEN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix DG4051AEN-T1-E4 Datasheet HTML 9Page - Vishay Siliconix DG4051AEN-T1-E4 Datasheet HTML 10Page - Vishay Siliconix DG4051AEN-T1-E4 Datasheet HTML 11Page - Vishay Siliconix DG4051AEN-T1-E4 Datasheet HTML 12Page - Vishay Siliconix DG4051AEN-T1-E4 Datasheet HTML 13Page - Vishay Siliconix DG4051AEN-T1-E4 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.vishay.com
10
Document Number: 69828
S10-1383-Rev. E, 21-Jun-10
Vishay Siliconix
DG4051A, DG4052A, DG4053A
TEST CIRCUITS
Figure 1. Transition Time
A
B
C
ENABLE
GND
VCC
VEE
VEE
VCC
VO
50
Ω
300
Ω
35 pF
X
X0
X7
X1 - X6
DG4051A
VX0
VX7
A
B
ENABLE
GND
VCC
VEE
VEE
VCC
VO
50
Ω
300
Ω
35 pF
X or Y
X0 or Y0
X3 or Y3
X1 - X2 or
Y1 - Y2
DG4052A
VX0 or VY0
VX3or VY3
A or B
or C
ENABLE
GND
VCC
VEE
VEE
VCC
VO
50
Ω
300
Ω
35 pF
X or Y or Z
X0 or Y0
or Z0
X1 or Y1 or Z1
DG4053A
VX0 or VY0 or VZ0
VX1or VY1or VZ1
0 V
VCC
50 %
90 %
tTRANS
X0 or Y0 or Z0 ON
X7 ON (DG4051A)
or
X3 or Y3 ON (DG4052A)
or
X1 or Y1 or Z1 ON
(DG4053A)
VO
VA,B,C
VX0 or VY0 or VZ0
VX1 or VY1or VZ1
VX3 or VY3
VX7
tTRANS
90 %


Similar Part No. - DG4051AEN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG4051AEN-T1-E4 VISHAY-DG4051AEN-T1-E4 Datasheet
251Kb / 14P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers, with 0.5 pC Charge Injection
Rev. B, 21-Apr-08
More results

Similar Description - DG4051AEN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG4051A VISHAY-DG4051A_V01 Datasheet
306Kb / 18P
   8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
08-Feb-17
DG9253 VISHAY-DG9253_V01 Datasheet
300Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Jan-2022
DG9251 VISHAY-DG9251 Datasheet
273Kb / 15P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
Rev. C, 01-Aug-11
DG9451 VISHAY-DG9451 Datasheet
182Kb / 13P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
Rev. B, 04-Oct-10
DG9453 VISHAY-DG9453_V01 Datasheet
216Kb / 13P
   8-Channel, Triple 2-Channel Multiplexers
09-Jul-2021
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Vishay Siliconix
DG4051A VISHAY-DG4051A Datasheet
251Kb / 14P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers, with 0.5 pC Charge Injection
Rev. B, 21-Apr-08
logo
Unisonic Technologies
4053 UTC-4053 Datasheet
197Kb / 7P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4053 UTC-4053_12 Datasheet
197Kb / 7P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com