Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC877917A Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC877917A
Description  8-bit 1-chip Microcontroller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877917A Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC877917A Datasheet HTML 3Page - Sanyo Semicon Device LC877917A Datasheet HTML 4Page - Sanyo Semicon Device LC877917A Datasheet HTML 5Page - Sanyo Semicon Device LC877917A Datasheet HTML 6Page - Sanyo Semicon Device LC877917A Datasheet HTML 7Page - Sanyo Semicon Device LC877917A Datasheet HTML 8Page - Sanyo Semicon Device LC877917A Datasheet HTML 9Page - Sanyo Semicon Device LC877917A Datasheet HTML 10Page - Sanyo Semicon Device LC877917A Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LC877917A
No.A1840-7/29
Pin Assignment
SANYO: QIP64E (14×14) “Lead-/Halogen-free type”
SANYO: TQFP64J (7×7) “Lead-/Halogen-free type”
SANYO: SQFP64 (10×10) “Lead-/Halogen-free type”
Chip Size: 2.25mm
×2.23mm
Pad Size/Pitch:
LC877917A
Top view
RES
XT1
XT2
VSS1
CF1
CF2
VDD1
P00/UTX1/AN0
P01/RTX1/AN1
P02/AN2
P03/AN3
P04/CKO/AN4
P05
P06/T6O
P07/T7O
P30
S07/LPA7
S06/LPA6
S05/LPA5
S04/LPA4
S03/LPA3
S02/LPA2
S01/LPA1
S00/LPA0
COM3/LPL3
COM2/LPL2
COM1/LPL1
COM0/LPL0
V3
V2
V1
VDC
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
Jacket Open
63
μm
Pad Metal
79
μm
84
μm
84
μm


Similar Part No. - LC877917A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC877917A ONSEMI-LC877917A Datasheet
201Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.97
More results

Similar Description - LC877917A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com