Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG3409DB-T2-E1 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG3409DB-T2-E1
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3409DB-T2-E1 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG3409DB-T2-E1 Datasheet HTML 2Page - Vishay Siliconix DG3409DB-T2-E1 Datasheet HTML 3Page - Vishay Siliconix DG3409DB-T2-E1 Datasheet HTML 4Page - Vishay Siliconix DG3409DB-T2-E1 Datasheet HTML 5Page - Vishay Siliconix DG3409DB-T2-E1 Datasheet HTML 6Page - Vishay Siliconix DG3409DB-T2-E1 Datasheet HTML 7Page - Vishay Siliconix DG3409DB-T2-E1 Datasheet HTML 8Page - Vishay Siliconix DG3409DB-T2-E1 Datasheet HTML 9Page - Vishay Siliconix DG3409DB-T2-E1 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.vishay.com
6
Document Number: 72858
S11-0303-Rev. E, 28-Feb-11
Vishay Siliconix
DG3408, DG3409
Notes:
a. Leakage parameters are guaranteed by worst case test condition and not subject to production test.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g.
R
DON = RDON Max - RDON Min.
h. Worst case isolation occurs on Channel 4 due to proximity to the drain pin.
i. RDON flatness is measured as the difference between the minimum and maximum measured values across a defined Analog signal.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (Single Supply 3 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 3 V, ± 10 %
, V- = 0 V
VEN = 0.4 V or 1.8 V
f
Tempb
Limits
- 40 °C to 85 °C
Unit
Minc
Typd
Maxc
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
3
V
On-Resistance
RON
V+ = 2.7 V, VD = 0.5 or 2.2 V, IS = 5 mA
Room
Full
12
25.5
26.5
RON Match Between
Channelsg
R
ON
V+ = ± 2.7 V, VD = 0.5 V or 2.2 V, IS = 5 mA
Room
3.6
On-Resistance Flatnessi
RON
Flatness
Room
13
Switch Off Leakage Currenta
IS(off)
V+ = 3.3 V
VS = 2 or 1 V, VD = 1 or 2 V
Room
Full
- 2
- 20
2
20
nA
ID(off)
Room
Full
- 2
- 20
2
20
Channel On Leakage Currenta
ID(on)
V+ = 3.3 V
VD = VS = 1 or 2 V, sequence each switch on
Room
Full
- 2
- 20
2
20
Digital Control
Logic High Input Voltage
VINH
Full
1.8
V
Logic Low Input Voltage
VINL
Full
0.4
Input Currenta
IIN
VAX = VEN = 1.8 V or 0.4 V
Full
- 1
1
µA
Dynamic Characteristics
Transition Time
tTRANS
VS1 = 1.5 V, VS8 = 0 V, (DG3408)
VS1b = 1.5 V, VS4b = 0 V, (DG3409)
see figure 2
Room
Full
140
165
182
ns
Break-Before-Make Time
tBBM
VS(all) = VDA = 1.5 V
see figure 4
Room
Full
263
Enable Turn-On Time
tON(EN)
VAX = 0 V, VS1 = 1.5 V (DG3408)
VAX = 0 V, VS1b = 1.5 V (DG3409)
see figure 3
Room
Full
140
162
178
Enable Turn-Off Time
tOFF(EN)
Room
Full
76
97
104
Charge Injectione
Q
CL = 1 nF, RGEN = 0, VGEN = 0 V
Room
7
pC
Off Isolatione, h
OIRR
f = 100 kHz, RL = 1 k
Room
- 81
dB
Crosstalke
XTALK
Room
- 85
Source Off Capacitancee
CS(off)
f = 1 MHz, VS = 0 V, VEN = 1.8 V
DG3408
Room
23
pF
DG3409
Room
25
Drain Off Capacitancee
CD(off)
f = 1 MHz, VD = 0 V, VEN = 1.8 V
DG3408
Room
230
DG3409
Room
120
Drain On Capacitancee
CD(on)
f = 1 MHz, VD = 0 V, VEN = 0 V
DG3408
Room
256
DG3409
Room
147
Power Supplies
Power Supply Current
I+
VEN = VA = 0 V or V+
Room
1.0
µA


Similar Part No. - DG3409DB-T2-E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3409DB-T2-E1 VISHAY-DG3409DB-T2-E1 Datasheet
170Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 30-Apr-07
DG3409DB-T2-E1 VISHAY-DG3409DB-T2-E1 Datasheet
215Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
More results

Similar Description - DG3409DB-T2-E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. A, 05-Aug-02
DG9408 VISHAY-DG9408_11 Datasheet
228Kb / 16P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. C, 20-Jun-11
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 30-Apr-07
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
   Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 07-Apr-03
DG408L VISHAY-DG408L_08 Datasheet
157Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 25-Jun-07
DG3408 VISHAY-DG3408_V01 Datasheet
215Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG9408 VISHAY-DG9408_08 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
DG9051 VISHAY-DG9051 Datasheet
165Kb / 12P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com