Part Name
         Description
LC863420C

 8-bit 1-chip Microcontroller ( 18 Page)


SANYO
100% 
Zoom Out Zoom In
 
 17 page
background image
LC863448C/40C/32C/28C/24C/20C/16C
No.A0117-17/18
Output impedance of C-Video before Noise filter should be less then 100
Ω.
Figure 6 CVIN Recommended Circuit
Figure 7 FILT Recommended Circuit
Note: Place FILT parts on board as close to the microcontroller as possible.
S : start condition
tsp : spike suppression
Standard mode : not exist
P : stop condition
High speed mode : less than 50ns
Sr : restart condition
Figure 8 IIC Timing
FILT
100
Ω
+
-
SDA
SCL
P
S
Sr
P
tBUF
tHD;STA
tR
tLOW
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tHD;STA
tsp
tSU;STO
200
Ω
C-Video
1000pF
1
μF
CVIN
Noise filter
Coupling capacitor



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl