Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC863432C Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC863432C
Description  8-bit 1-chip Microcontroller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863432C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC863432C Datasheet HTML 1Page - Sanyo Semicon Device LC863432C Datasheet HTML 2Page - Sanyo Semicon Device LC863432C Datasheet HTML 3Page - Sanyo Semicon Device LC863432C Datasheet HTML 4Page - Sanyo Semicon Device LC863432C Datasheet HTML 5Page - Sanyo Semicon Device LC863432C Datasheet HTML 6Page - Sanyo Semicon Device LC863432C Datasheet HTML 7Page - Sanyo Semicon Device LC863432C Datasheet HTML 8Page - Sanyo Semicon Device LC863432C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
O0108HKIM 20080916-S00001 No.A0117-1/18
Ver.1.00
LC863448C,LC863440C
LC863432C,LC863428C
LC863424C,LC863420C
LC863416C
Overview
The LC863448C/40C/32C/28C/24C/20C/16C are 8-bit single chip microcontrollers with the following on-chip functional
blocks:
• CPU: Operable at a minimum bus cycle time of 0.424μs
• On-chip ROM capacity
Program ROM: 48K/40K/32K/28K/24K/20K/16K bytes
CGROM: 16K bytes
• On-chip RAM capacity: 640/512 bytes
• OSD RAM: 352×9 bits
• Closed-Caption TV controller and the on-screen display controller
• Closed-Caption data slicer
• Four channels×6-bit AD Converter
• Three channels×7-bit PWM
• 16-bit timer/counter, 14-bit base timer
Continued on next page.
Ordering number : ENA0117B
CMOS IC
48K/40K/32K/28K/24K/20K/16K-byte ROM,
CGROM16K-byte
on-chip 640/512-byte RAM and 352x9 bit OSD RAM
8-bit 1-chip Microcontroller
Trademarks
IIC is a trademark of Philips Corporation.
Note : This product includes the IIC bus interface circuit. If you intend to use the IIC bus interface, please notify us of this in
advance of our receiving your program ROM code order.
Purchase of SANYO IIC components conveys a license under the Philips IIC Patents Rights to use these components in
an IIC system, provided that the system conforms to the IIC Standard Specification as defined by Philips.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - LC863432C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC863432B SANYO-LC863432B Datasheet
528Kb / 17P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC863432C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com