Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC749460W Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC749460W
Description  Silicon gate Digital RGB Processor LSI
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC749460W Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC749460W Datasheet HTML 1Page - Sanyo Semicon Device LC749460W Datasheet HTML 2Page - Sanyo Semicon Device LC749460W Datasheet HTML 3Page - Sanyo Semicon Device LC749460W Datasheet HTML 4Page - Sanyo Semicon Device LC749460W Datasheet HTML 5Page - Sanyo Semicon Device LC749460W Datasheet HTML 6Page - Sanyo Semicon Device LC749460W Datasheet HTML 7Page - Sanyo Semicon Device LC749460W Datasheet HTML 8Page - Sanyo Semicon Device LC749460W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LC749460W
No.A1187-4/20
6. Built-in OSD block
This function can do OSD (On Screen Display) on the image data after adjusting image quality.
The amount of the expression per pixel can be selected from 16 indexes (4 bits: CLUT4) and 256 indexes (8 bits:
CLUT8). The color pallet of the index can set alfa 4-bit of blending coefficient and 8-bit of green, blue, and the red.
Displayed character and icon, etc. need to set the
αGBR color to the color pallet and transmit the BMP data in the
state of CLUT 4/8. The drawing engine is built-in, besides, it is possible not only to draw the transmitted BMP data
to SDRAM but also do the rectangle drawing (including point and line drawing) and copy inside SDRAM.
7. Output/I/F/others
7-1. Matrix conversion
The following Matrix conversion is possible for 2 systems after digital and analog input are selected.
YCbCr to RGB
YPbPr to RGB
YPbPr to YCbCr
RGB to YCbCr
7-2. Output format
Output is possible with the following format.
Digital RGB (30-bit/24-bit)
Digital YCbCr (30-bit/24-bit)
7-3. Clamp control
This can generate clamp signal in external LSI or in the built-in AD converter. In addition, it can generate
optional pulse(“H”, “L”, “Hi-Z”) by comparing to the threshold value in the inside the LSI.
7-4. SDRAM interface
This built-in SDRAM interface, the system can be made up easily by connecting
64Mbits SDRAM (512word
× 32bit × 4bank) 1 piece or 128Mbits SDRAM (1024word × 32bit × 4bank) 1 piece
in directly. In this case, more than“-60” speed grade of SDRAM is recommended.
7-5. External OSD interface
This allows the interface with external OSD microcomputer using input pin 41 to 45 and output pin 36 to 38. It
can display closed caption and teletext data.
7-6. I
2C interface/3 wire bus interface
It basically controls the internal register using I
2C interface.
The slave address can be a switch by controlling pin53 (I
2C SEL) according to the system.
The slave address is as follows.
I
2CSEL “L” “0111000+(R/W)”
I
2CSEL “H” “0111001+(R/W)”
A part of register can be controlled by 3wire bus interface as well.


Similar Part No. - LC749460W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749403BG SANYO-LC749403BG Datasheet
230Kb / 13P
   Silicon gate LCD Picture Quality Improvement IC
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
More results

Similar Description - LC749460W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN82860 PANASONIC-MN82860 Datasheet
192Kb / 4P
   Digital RGB Processor LSI
logo
Sanyo Semicon Device
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE_16 Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
logo
Nippon Precision Circui...
SM5852DS NPC-SM5852DS Datasheet
106Kb / 14P
   Digital Audio Processor LSI
logo
Sanyo Semicon Device
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
LC78010E SANYO-LC78010E Datasheet
230Kb / 12P
   Video CD and CD-G Digital RGB Encoder LSI
logo
Toshiba Semiconductor
TA8884AN TOSHIBA-TA8884AN Datasheet
2Mb / 54P
   RGB PROCESSOR IC
TA1211N TOSHIBA-TA1211N Datasheet
2Mb / 50P
   Bi-SCANABLE RGB PROCESSOR
logo
ON Semiconductor
LC786965UW ONSEMI-LC786965UW Datasheet
489Kb / 33P
   Single Chip Digital Signal Processor LSI for Compact Disc Players
July 2017 - Rev. 0
logo
Sanyo Semicon Device
LC749880T SANYO-LC749880T Datasheet
118Kb / 17P
   Silicon gate Image controller LSI for LCD-TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com