Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC89058W-E Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC89058W-E
Description  Digital Audio Interface Receiver
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89058W-E Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC89058W-E Datasheet HTML 3Page - Sanyo Semicon Device LC89058W-E Datasheet HTML 4Page - Sanyo Semicon Device LC89058W-E Datasheet HTML 5Page - Sanyo Semicon Device LC89058W-E Datasheet HTML 6Page - Sanyo Semicon Device LC89058W-E Datasheet HTML 7Page - Sanyo Semicon Device LC89058W-E Datasheet HTML 8Page - Sanyo Semicon Device LC89058W-E Datasheet HTML 9Page - Sanyo Semicon Device LC89058W-E Datasheet HTML 10Page - Sanyo Semicon Device LC89058W-E Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
LC89058W-E
No.A1056-7/64
7.4 Differences in Microcontroller Registers
7.4.1 Differences in write commands
Table 7.4: LC89057W-VF4A-E Write Register Map
Addr
Setting Item
DI15
DI14
DI13
DI12
DI11
DI10
DI9
DI8
0
All system
TESTM
0
TXOPR
RXOPR
INTOPF
0
DOEN
SYSRST
1
Demodulator system
PBSEL1
PBSEL0
FSLIM1
FSLIM0
RXMON
AOSEL
VOSEL
UOSEL
2
Master clock
AMPOPR1
AMPOPR0
EXSYNC
PLLOPR
XMSEL1
XMSEL0
XINSEL
PLLSEL
3
R system output clock
XRLRCK1
XRLRCK0
XRBCK1
XRBCK0
XRSEL1
XRSEL0
PRSEL1
PRSEL0
4
S system output clock
XSLRCK1
XSLRCK0
XSBCK1
XSBCK0
PSLRCK1
PSLRCK0
PSBCK1
PSBCK0
5
Source switching
0
RDTMUT
RDTSTA
RDTSEL
0
RCKSEL
OCKSEL
SELMTD
6
Data input/output
RXOFF
ROSEL2
ROSEL1
ROSEL0
ULSEL
RISEL2
RISEL1
RISEL0
7
Output format
SLRCKP
SBCKP
RLRCKP
RBCKP
0
OFSEL2
OFSEL1
OFSEL0
8
INT source selection
EMPF
SLIPO
PCRNW
UNPCM
CSRNW
FSCHG
INDET
ERROR
9
RERR conditions
ERWT1
ERWT0
FSERR
RESTA
XTWT1
XTWT0
REDER
RESEL
10
Modulation system
PI3
PI2
PI1
PI0
0
VMODE
VISEL
UISEL
11
Modulation data
TCKSEL
0
TXMOD1
TXMOD0
TXMUT
TDTSEL
TXLRP
TXDFS
12
Test
0
0
0
0
0
0
0
0
13
Test
0
0
0
0
0
0
0
0
14
Test
0
0
0
0
0
0
0
0
15
Test
0
0
0
0
0
0
0
0
Table 7.5: LC89058W-E Write Register Map
Addr
Setting Item
DI15
DI14
DI13
DI12
DI11
DI10
DI9
DI8
0
System setting 1
TESTM
0
“0”
“0”
“0”
0
DOEN
SYSRST
1
System setting 2
“0”
“0”
FSLIM1
FSLIM0
RXMON
AOSEL
“0”
MOSEL
2
Master clock
AMPOPR1
AMPOPR0
“0”
PLLOPR
XMSEL1
XMSEL0
XINSEL
“0”
3
R system output clock
XRLRCK1
XRLRCK0
XRBCK1
XRBCK0
XRSEL1
XRSEL0
PRSEL1
PRSEL0
4
S system output clock
XSLRCK1
XSLRCK0
XSBCK1
XSBCK0
PSLRCK1
PSLRCK0
PSBCK1
PSBCK0
5
Source switching
0
RDTMUT
RDTSTA
RDTSEL
0
0
OCKSEL
0
6
Data input/output 1
“0”
ROSEL2
ROSEL1
ROSEL0
“0”
RISEL2
RISEL1
RISEL0
7
Output format
SLRCKP
SBCKP
RLRCKP
RBCKP
0
“0”
“0”
OFDSEL
8
INT source selection
EMPF
GPIO
PCRNW
UNPCM
CSRNW
FSCHG
INDET
ERROR
9
RERR condition setting
ERWT1
ERWT0
FSERR
RESTA
“0”
“0”
REDER
RESEL
10
General-purpose I/O
PI3
PI2
PI1
PI0
0
“0”
“0”
“0”
11
Test
“0”
0
“0”
“0”
“0”
“0”
“0”
“0”
12
System setting 3
0
0
CKSTP
RMCKP
0
PLLDV1
PLLDV0
PLLACC
13
Data input/output 2
0
RXSEL2
RXSEL1
RXSEL0
EDTMUT
EMCKP
EXTSEL
GPIOS
14
Other output settings
FSSEL1
FSSEL0
0
0
PTOXW1
PTOXW0
0
0
15
Test
0
0
0
0
0
0
0
0
• Except MOSEL, PRSEL [1:0], OFDSEL, GPIO, SELMTD and RCKSEL, the command address of any inadvertently
specified commands that are removed from the LC89057W-VF4A-E is assumed to be “0” and ignored.
The new commands added to the LC89058W-E are allocated to command addresses 12, 13, and 14.


Similar Part No. - LC89058W-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC89058W-E ONSEMI-LC89058W-E Datasheet
308Kb / 64P
   Digital Audio Interface Receiver
May, 2013
More results

Similar Description - LC89058W-E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com