Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG3002DB-T1-E1 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG3002DB-T1-E1
Description  Low-Voltage Sub-ohm SPST/SPDT MICRO FOOT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3002DB-T1-E1 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG3002DB-T1-E1 Datasheet HTML 2Page - Vishay Siliconix DG3002DB-T1-E1 Datasheet HTML 3Page - Vishay Siliconix DG3002DB-T1-E1 Datasheet HTML 4Page - Vishay Siliconix DG3002DB-T1-E1 Datasheet HTML 5Page - Vishay Siliconix DG3002DB-T1-E1 Datasheet HTML 6Page - Vishay Siliconix DG3002DB-T1-E1 Datasheet HTML 7Page - Vishay Siliconix DG3002DB-T1-E1 Datasheet HTML 8Page - Vishay Siliconix DG3002DB-T1-E1 Datasheet HTML 9Page - Vishay Siliconix DG3002DB-T1-E1 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.vishay.com
6
Document Number: 72505
S11-0303-Rev. D, 28-Feb-11
Vishay Siliconix
DG3001, DG3002, DG3003
TEST CIRCUITS
Figure 1. Switching Time
Switch
Input
CL (includes fixture and stray capacitance)
V+
IN
NO or NC
CL
35 pF
COM
Logic
Input
RL
300
VOUT
GND
V+
50 %
0 V
Logic
Input
Switch
Output
tON
tOFF
Logic "1" = Switch On
Logic input waveforms inverted for switches that have
the opposite logic sense.
Switch Output
V
OUT
= V
COM
R
L
R
L +RON
0.9 x VOUT
tr < 5 ns
tf < 5 ns
VINH
VINL
Figure 2. Break-Before-Make Interval
CL (includes fixture and stray capacitance)
NC
VNO
NO
VNC
0 V
Logic
Input
Switch
Output
VO
VNC = VNO
tr < 5 ns
tf < 5 ns
90 %
tD
tD
IN
COM
V+
GND
V+
CL
35 pF
VO
RL
300
VINH
VINL
Figure 3. Charge Injection
Off
On
On
IN
VOUT
VOUT
Q =
VOUT x CL
CL = 1 nF
COM
Rgen
VOUT
NC or NO
VIN = 0 – V+
IN
Vgen
GND
V+
V+
IN depends on switch configuration: input polarity
determined by sense of switch.
+


Similar Part No. - DG3002DB-T1-E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3002DB-T1-E1 VISHAY-DG3002DB-T1-E1 Datasheet
123Kb / 9P
   Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
Rev. C, 30-Apr-07
DG3002DB-T1-E1 VISHAY-DG3002DB-T1-E1 Datasheet
257Kb / 13P
   Low-Voltage Sub-廓 SPST/SPDT MICRO FOOT짰 Analog Switch
02-Oct-12
More results

Similar Description - DG3002DB-T1-E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3003 VISHAY-DG3003 Datasheet
96Kb / 7P
   Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch
Rev. A, 27-Oct-03
DG3001 VISHAY-DG3001 Datasheet
123Kb / 9P
   Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
Rev. C, 30-Apr-07
DG3000 VISHAY-DG3000 Datasheet
72Kb / 9P
   Low-Voltage Single SPDT MICRO FOOT Analog Switch
Rev. C, 26-Aug-02
DG3001 VISHAY-DG3001_V01 Datasheet
257Kb / 13P
   Low-Voltage Sub-廓 SPST/SPDT MICRO FOOT짰 Analog Switch
02-Oct-12
DG3000 VISHAY-DG3000_08 Datasheet
130Kb / 10P
   Low-Voltage Single SPDT MICRO FOOT®Analog Switch
Rev. F, 30-Apr-07
DG2711 VISHAY-DG2711_10 Datasheet
102Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. C, 25-Oct-10
DG2711 VISHAY-DG2711 Datasheet
127Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. A, 15-Nov-04
DG2711 VISHAY-DG2711_08 Datasheet
110Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. B, 30-Apr-07
DG2711 VISHAY-DG2711_V01 Datasheet
105Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
01-Jan-2022
logo
Pericom Semiconductor C...
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com