Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC89057W-VF4A-E Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC89057W-VF4A-E
Description  Digital Audio Interface Transceiver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89057W-VF4A-E Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC89057W-VF4A-E Datasheet HTML 4Page - Sanyo Semicon Device LC89057W-VF4A-E Datasheet HTML 5Page - Sanyo Semicon Device LC89057W-VF4A-E Datasheet HTML 6Page - Sanyo Semicon Device LC89057W-VF4A-E Datasheet HTML 7Page - Sanyo Semicon Device LC89057W-VF4A-E Datasheet HTML 8Page - Sanyo Semicon Device LC89057W-VF4A-E Datasheet HTML 9Page - Sanyo Semicon Device LC89057W-VF4A-E Datasheet HTML 10Page - Sanyo Semicon Device LC89057W-VF4A-E Datasheet HTML 11Page - Sanyo Semicon Device LC89057W-VF4A-E Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
LC89057W-VF4A-E
No.7202-8/59
8.4 AC Characteristics
Table 8.4: AC Characteristics at Ta=-30 to 70°C, AVDD=DVDD=3.0 to 3.6V, AGND=DGND=0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
RX0 to RX6 sampling frequency
fRFS
28
195
kHz
XIN clock frequency
fXF1
8-4-1
8
12.288
19
MHz
XIN clock frequency
fXF2
8-4-2
20
24.576
30
MHz
RMCK clock frequency
fRCK
4
100
MHz
RMCK clock jitter
tj
200
ps
RMCK, RBCK delay
tMBO
10
ns
RBCK, RDATA delay
tBDO
10
ns
RMCK, SBCK delay
tMBO
8-4-3
10
ns
SBCK, RDATA delay
tBDO
8-4-4
10
ns
TMCK input pulse width
tWMI
10
ns
RX*, TMCK delay
tRDI
1/4TMCK
ns
TBCK input pulse width
tWBI
40
ns
TLRCK sampling frequency
tTFS
28
195
kHz
TBCK, TDATA setup
tDSI
20
ns
TBCK, TDATA hold
tDHI
20
ns
TMCK, TBCK delay
tMBI
8-4-5
10
ns
TBCK, TDATA delay
tBDI
10
ns
8-4-1: XINSEL = 0 setting, 12.288MHz must be set when calculating input sampling frequency
8-4-2: XINSEL =1 setting, 24.576MHz must be set when calculating input sampling frequency
8-4-3: When RMCK and SBCK source clocks are identical
8-4-4: When SBCK is the PLL source clock
8-4-5: TCKSEL = 0 setting (256fs), the falling edge of TBCK is in synchronization with the rising edge of TMCK.
TCKSEL = 1 setting (128fs), the falling edge of TBCK is in synchronization with the falling edge of TMCK.
Figure 8.1 AC Characteristics
tWBI
tWBI
TBCK (I)
TDATA (I)
TLRCK (I)
tDSI
tDHI
tBDI
TMCK (I)
RBCK (O)
RDATA (O)
RLRCK (O)
tBDO
RMCK (O)
tMBO
tMBI
tWMI
RX* (I)
tRDI


Similar Part No. - LC89057W-VF4A-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
   Digital Audio Interface Transceiver
May, 2013
More results

Similar Description - LC89057W-VF4A-E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
   Digital Audio Interface Transceiver
May, 2013
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
   Digital Audio Interface Transceiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIX9211 TI1-DIX9211 Datasheet
935Kb / 107P
[Old version datasheet]   216-kHz Digital Audio Interface Transceiver (DIX)
logo
Asahi Kasei Microsystem...
AK4114 AKM-AK4114 Datasheet
450Kb / 48P
   HIGH FEATURE 192KHZ 24BIT DIGITAL AUDIO INTERFACE TRANSCEIVER
AK4115 AKM-AK4115 Datasheet
596Kb / 64P
   High Feature 192kHz 24bit Digital Audio Interface Transceiver
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com