Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2725 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2725
Description  Low Voltage, 1.2ohm, Dual SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2725 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2725 Datasheet HTML 1Page - Vishay Siliconix DG2725 Datasheet HTML 2Page - Vishay Siliconix DG2725 Datasheet HTML 3Page - Vishay Siliconix DG2725 Datasheet HTML 4Page - Vishay Siliconix DG2725 Datasheet HTML 5Page - Vishay Siliconix DG2725 Datasheet HTML 6Page - Vishay Siliconix DG2725 Datasheet HTML 7Page - Vishay Siliconix DG2725 Datasheet HTML 8Page - Vishay Siliconix DG2725 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 67647
S11-0658-Rev. B, 11-Apr-11
Vishay Siliconix
DG2725
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
RON vs. Analog Voltage and Temperature
I+ Supply Current vs. Temperature
Power Off Leakage IOFF (ICOM) vs. Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
INC/NO = 100 mA
V+ = 4.3 V
TA = - 40 °C
TA = 85 °C
TA = 25 °C
V
COM - Analog Voltage (V)
Temperature (°C)
0.01
0.1
1
10
-40
- 20
0
20
40
60
80
100
V+ = 4.3 V
V+ = 3 V
Temperature (°C)
0.001
0.01
0.1
1
10
100
-40
- 20
0
20
40
60
80100
VCOM = 4.3 V
V+ = 0 V
VIN = 0 V
I+ vs. V+
I+ vs. VIN
Leakage vs. Analog Voltage, V+ = 4.3 V
V+ - Supply Voltage
TA = 25 °C
0.001
0.01
0.1
1.5
2
2.5
3
3.5
4
4.5
VIN - (V)
0.01
0.1
1
10
100
1000
10 000
100 000
1 000 000
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
V+ = 4.3 V
V
COM, VNC, VNO, - Analog Voltage (V)
- 800
-700
-600
-500
-400
-300
-200
-100
0
100
00.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
I
COM(off)
I
COM(on)
I
NO/NC(off)
V+ = 4.3 V


Similar Part No. - DG2725

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2720 VISHAY-DG2720 Datasheet
133Kb / 8P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
Rev. C, 23-Jun-08
DG2720 VISHAY-DG2720 Datasheet
165Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
01-Jan-2022
DG2720DN-T1-E4 VISHAY-DG2720DN-T1-E4 Datasheet
133Kb / 8P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
Rev. C, 23-Jun-08
DG2720DN-T1-E4 VISHAY-DG2720DN-T1-E4 Datasheet
165Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
01-Jan-2022
DG2720 VISHAY-DG2720_V01 Datasheet
165Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
01-Jan-2022
More results

Similar Description - DG2725

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
logo
Union Semiconductor, In...
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
   Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2267 ONSEMI-FSA2267 Datasheet
738Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
FSA2258 ONSEMI-FSA2258 Datasheet
645Kb / 12P
   Low-Voltage, Dual-SPDT Analog Switch
February 2012 Rev. 1.0.5
FSA2259 ONSEMI-FSA2259 Datasheet
205Kb / 11P
   Low-Voltage,Dual-SPDT Analog Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
FSA2467 FAIRCHILD-FSA2467 Datasheet
397Kb / 11P
   0.4W Low Voltage Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com