Part Name
         Description
DG2722DN-T1-E4

 2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch ( 9 Page)


VISHAY
100% 
Zoom Out Zoom In
   
 6 page
background image
www.vishay.com
6
Document Number: 68379
S11-1430-Rev. D, 18-Jul-11
Vishay Siliconix
DG2722
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Figure 1. Switching Time
Switch
Input
CL (includes fixture and stray capacitance)
V+
OE
HSD1±
or HSD2±
CL
35 pF
Logic
Input
RL
50
VOUT
GND
V+
50 %
0 V
Logic
Input
Switch
Output
tON
tOFF
Logic "1" = Switch on
Logic input waveforms inverted for switches that have
the opposite logic sense.
0 V
Switch Output
R
L
R
L
R
ON
0.9 x VOUT
tr
5 ns
tf
5 ns
VINH
VINL
Ω
=
+
<
<
(
)
S
VOUT
Figure 2. Break-Before-Make Interval
CL (includes fixture and stray capacitance)
HSD2±
VHSD1±
HSD1±
VHSD2±
0 V
Logic
Input
Switch
Output
VO
HSD1± = HSD2±
tr < 5 ns
tf < 5 ns
90 %
tD
tD
OE
V+
GND
V+
CL
35 pF
VO
RL
50
Ω
VINL
VINH
S
Figure 3. Charge Injection
Off
On
On
IN
VOUT
VOUT
Q =
OUT x CL
CL = 1 nF
Rgen
VOUT
VIN = 0 - V+
OE
GND
V+
V+
IN depends on switch configuration: input polarity
determined by sense of switch.
+
HSD1±
or HSD2±
Vgen
S



Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl