Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2721 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG2721
Description  500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2721 Datasheet(HTML) 7 Page - Vishay Siliconix

  DG2721_09 Datasheet HTML 1Page - Vishay Siliconix DG2721_09 Datasheet HTML 2Page - Vishay Siliconix DG2721_09 Datasheet HTML 3Page - Vishay Siliconix DG2721_09 Datasheet HTML 4Page - Vishay Siliconix DG2721_09 Datasheet HTML 5Page - Vishay Siliconix DG2721_09 Datasheet HTML 6Page - Vishay Siliconix DG2721_09 Datasheet HTML 7Page - Vishay Siliconix DG2721_09 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Vishay Siliconix
Package Information
Document Number: 74496
12-Feb-07
www.vishay.com
1
MINI QFN-10L CASE OUTLINE
DIM
MILLIMETERS
INCHES
MIN.
NAM.
MAX.
MIN.
NAM.
MAX.
A
0.50
0.55
0.60
0.0197
0.0217
0.0236
A1
0.00
-
0.05
0.000
-
0.002
b
0.15
0.20
0.25
0.006
0.008
0.010
c
0.15 REF
0.006 REF
D
1.75
1.80
1.85
0.069
0.071
0.073
E
1.35
1.40
1.45
0.053
0.055
0.057
e
0.40 BSC
0.016 BSC
L
0.35
0.40
0.45
0.014
0.016
0.018
L1
0.45
0.50
0.55
0.0177
0.0197
0.0217
ECN T-07039-Rev. A, 12-Feb-07
DWG: 5957


Similar Part No. - DG2721_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2721DN-T1-E4 VISHAY-DG2721DN-T1-E4 Datasheet
124Kb / 7P
   500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
Rev. D, 30-Jun-08
More results

Similar Description - DG2721_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2721 VISHAY-DG2721 Datasheet
124Kb / 7P
   500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
Rev. D, 30-Jun-08
DG2723 VISHAY-DG2723 Datasheet
161Kb / 9P
   700 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
Rev. A, 30-Jun-08
DG2723 VISHAY-DG2723_V01 Datasheet
156Kb / 10P
   700 MHz, -3 dB Bandwidth; Dual SPDT Analog Switch
08-Feb-17
DG3257 VISHAY-DG3257 Datasheet
175Kb / 9P
   700 MHz, -3 dB Bandwidth; Single SPDT Analog Switch
Rev. B, 20-Mar-17
DG2515 VISHAY-DG2515 Datasheet
164Kb / 8P
   3-Ω, 235-MHz Bandwidth, Dual SPDT Analog Switch
Rev. B, 27-Oct-08
DG2515 VISHAY-DG2515_V01 Datasheet
176Kb / 9P
   3-廓, 235-MHz Bandwidth, Dual SPDT Analog Switch
02-Oct-12
DG2517 VISHAY-DG2517_V01 Datasheet
187Kb / 10P
   3-廓, High Bandwidth, Dual SPDT Analog Switch
01-Jan-2022
DG2517 VISHAY-DG2517_08 Datasheet
157Kb / 8P
   3-Ω, High Bandwidth, Dual SPDT Analog Switch
Rev. B, 27-Oct-08
logo
AiT Semiconductor Inc.
A4715 AITSEMI-A4715 Datasheet
809Kb / 12P
   DUAL SPDT ANALOG SWITCH 300MHz BANDWIDTH
REV1.0
logo
Vishay Siliconix
DG3157A VISHAY-DG3157A_V01 Datasheet
176Kb / 9P
   Low Voltage, 300-MHz - 3 dB Bandwidth, SPDT Analog Switch with Power Down Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com