Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC74761 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC74761
Description  On-Screen Display LSI
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74761 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC74761 Datasheet HTML 7Page - Sanyo Semicon Device LC74761 Datasheet HTML 8Page - Sanyo Semicon Device LC74761 Datasheet HTML 9Page - Sanyo Semicon Device LC74761 Datasheet HTML 10Page - Sanyo Semicon Device LC74761 Datasheet HTML 11Page - Sanyo Semicon Device LC74761 Datasheet HTML 12Page - Sanyo Semicon Device LC74761 Datasheet HTML 13Page - Sanyo Semicon Device LC74761 Datasheet HTML 14Page - Sanyo Semicon Device LC74761 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Second byte
Register content
DA0 to DA7
Register name
State
Function
Note
7—
0
Second byte identification code
6
INT/NON
0
Interlaced
Switches between interlaced and
1
Non-interlaced
non-interlaced display.
5
BLK1
0
1
Changes the blanking size.
4
BLK0
0
1
3
BK1
0
Flashing period about 0.5 s
Sets the flashing period.
1
Flashing period about 1 s
2
ATS
0
Highlight function
Selects at2.
1
Flashing function
1—
0
0
DSPON
0
Character display off
Turns character output on and off.
1
Character display on
Note: When the chip is reset by the RST pin, the register states (bits) are all cleared to 0.
6 COMMAND5: Display Control Setting Command 2
First byte
Register content
DA0 to DA7
Register name
State
Function
Note
7—
1
6—
1
The command 5 identification code:
5—
0
sets display control parameters.
4—
1
3
PH2
0
1
2
PH1
0
Sets the phase of the background color
1
for color burst.sz
1
PH0
0
1
0
INT/EXT
0
External synchronization mode
Switches between internal and external
1
Internal synchronization mode
synchronization.
No. 4846-11/21
LC74761, LC74761M
BLK0
BLK1
01
0
Blanking off
Character size blanking
1
Frame size blanking
Total area blanking
Background color
(phase)
PHASE 2
PHASE 1
PHASE 0
NTSC
PAL
000
π/2
±
π/2
001
In phase
In phase
010
3
π/2
π/2
011
π
±
π
100
3
π/4
±3
π/4
101
π/4
±
π/4
110
7
π/4
π/4
111
5
π/4
3
π/4


Similar Part No. - LC74761

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761M SANYO-LC74761M Datasheet
243Kb / 20P
   On-Screen Display LSI
More results

Similar Description - LC74761

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74763 SANYO-LC74763_11 Datasheet
409Kb / 21P
   On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
   On-Screen Display Controller LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com