Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72121M Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # 72121M
Description  PLL Frequency Synthesizers for Electronic Tuning
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

72121M Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button 72121M Datasheet HTML 3Page - Sanyo Semicon Device 72121M Datasheet HTML 4Page - Sanyo Semicon Device 72121M Datasheet HTML 5Page - Sanyo Semicon Device 72121M Datasheet HTML 6Page - Sanyo Semicon Device 72121M Datasheet HTML 7Page - Sanyo Semicon Device 72121M Datasheet HTML 8Page - Sanyo Semicon Device 72121M Datasheet HTML 9Page - Sanyo Semicon Device 72121M Datasheet HTML 10Page - Sanyo Semicon Device 72121M Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Procedures for Input and Output of Serial Data
This product uses the CCB (Computer Control Bus), which is Sanyo’s audio product serial bus format, for data input and
output. This product adopts an 8-bit address CCB format.
No. 5815-7/23
LC72121, 72121M, 72121V
I/O mode
Address
Function
B0
B1
B2
B3
A0
A1
A2
A3
• Control data input (serial data input) mode
1
IN1 (82)
0
0
0
1
0
1
0
0
• 24 bits of data are input.
• See the “DI Control Data (serial data input)” section for details on the
content of the input data.
• Control data input (serial data input) mode
2
IN2 (92)
1
0
0
1
0
1
0
0
• 24 bits of data are input.
• See the “DI Control Data (serial data input)” section for details on the
content of the input data.
• Data output (serial data output) mode
3
OUT (A2)
0
1
0
1
0
1
0
0
• The number of bits output is equal to the number of clock cycles.
• See the “DO output Data (serial data output)” section for details on the
content of the output data.
Normally high
Normally low
I/O mode determined


Similar Part No. - 72121M

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
7212 KEYSTONE-7212 Datasheet
200Kb / 1P
   HEX M/F STANDOFF
logo
List of Unclassifed Man...
7212 ETC-7212 Datasheet
743Kb / 16P
   Beam Power Tube
logo
RAF ELECTRONIC HARDWARE
7212-SS RAF-7212-SS Datasheet
106Kb / 1P
   ROUND THUMB NUTS
logo
Molex Electronics Ltd.
72120-C MOLEX11-72120-C Datasheet
41Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Screw Terminal, 20 Circuits
logo
Gamewell-FCI by Honeywe...
72122 GAMEWELL-FCI-72122 Datasheet
85Kb / 4P
   IdentiFlex 650 base analog/addressable system
More results

Similar Description - 72121M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121 Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
LM7001J SANYO-LM7001J Datasheet
91Kb / 8P
   Direct PLL Frequency Synthesizers for Electronic Tuning
LC72121MA SANYO-LC72121MA Datasheet
250Kb / 24P
   CMOS IC PLL Frequency Synthesizers for Electronic Tuning
logo
NXP Semiconductors
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com